Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C22S6TQG-14 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # W65C22S6TQG-14
Description  Versatile Interface Adapter (VIA)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C22S6TQG-14 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button W65C22S6TQG-14 Datasheet HTML 29Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 30Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 31Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 32Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 33Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 34Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 35Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 36Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
The Western Design Center, Inc.
W65C22S Data Sheet
The Western Design Center
W65C22S
33
Bus Holding Device
Figure 2-4 Port A Buffer (PA0-PA7, CA2)
2.7
Peripheral Data Port B (PB0-PB7)
PB is an 8-line, bi-directional bus which is controlled by an ORA, IRB, and DDRB in a manner much the same as PA.
With respect to PB, the output signal on line PB7 may be controlled by Timer 1 while Timer 2 may be programmed to
count pulses on the PB6 line. PB lines represent one CMOS high impedance load with bus holding device in the input
mode and will drive one TTL load in the output mode. PB lines are also capable of sourcing 3.0 mA at 1.5 Vdc in the
output mode. This allows the output to directly drive Darlington transistor circuits. A typical output circuit for PB is
shown in Figure 2-5.
Bus Holding Device
Figure 2-5 Port B Buffer (PB0-PB7, CB1, and CB2)
DDR
OUTPUT DATA
P
N
PIN
INPUT
DDR
OUTPUT DATA
P
N
PIN
INPUT (INPUT MODE)
INPUT (OUTPUT MODE)


Similar Part No. - W65C22S6TQG-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
More results

Similar Description - W65C22S6TQG-14

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM6522A UMC-UM6522A Datasheet
791Kb / 17P
   Versatile Interface Adapter (VIA)
logo
List of Unclassifed Man...
R65C22 ETC1-R65C22 Datasheet
1Mb / 22P
   Versatile Interface Adapter (VIA)
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
logo
California Micro Device...
G65SC22 CALMIRCO-G65SC22 Datasheet
2Mb / 20P
   CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
[Old version datasheet]   Interface Adapter
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com