Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT00D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVT00D
Description  3.3V Quad 2-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT00D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVT00D Datasheet HTML 2Page - NXP Semiconductors 74LVT00D Datasheet HTML 3Page - NXP Semiconductors 74LVT00D Datasheet HTML 4Page - NXP Semiconductors 74LVT00D Datasheet HTML 5Page - NXP Semiconductors 74LVT00D Datasheet HTML 6Page - NXP Semiconductors 74LVT00D Datasheet HTML 7Page - NXP Semiconductors 74LVT00D Datasheet HTML 8Page - NXP Semiconductors 74LVT00D Datasheet HTML 9Page - NXP Semiconductors 74LVT00D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74LVT00
3.3V Quad 2-input NAND gate
1996 Aug 15
7
SSOP14:
plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1


Similar Part No. - 74LVT00D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT02 PHILIPS-74LVT02 Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
logo
Nexperia B.V. All right...
74LVT02 NEXPERIA-74LVT02 Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
logo
NXP Semiconductors
74LVT02D PHILIPS-74LVT02D Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
logo
Nexperia B.V. All right...
74LVT02D NEXPERIA-74LVT02D Datasheet
210Kb / 10P
   3.3 V Quad 2-input NOR gate
Rev. 4 - 1 March 2021
logo
NXP Semiconductors
74LVT02DB PHILIPS-74LVT02DB Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
More results

Similar Description - 74LVT00D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com