Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08200
Description  8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08200 Datasheet HTML 1Page - National Semiconductor (TI) ADC08200 Datasheet HTML 2Page - National Semiconductor (TI) ADC08200 Datasheet HTML 3Page - National Semiconductor (TI) ADC08200 Datasheet HTML 4Page - National Semiconductor (TI) ADC08200 Datasheet HTML 5Page - National Semiconductor (TI) ADC08200 Datasheet HTML 6Page - National Semiconductor (TI) ADC08200 Datasheet HTML 7Page - National Semiconductor (TI) ADC08200 Datasheet HTML 8Page - National Semiconductor (TI) ADC08200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC08200
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D
Converter with Internal Sample-and-Hold
General Description
The ADC08200 is a low-power, 8-bit, monolithic analog-to-
digital converter with an on-chip track-and-hold circuit. Opti-
mized for low cost, low power, small size and ease of use,
this product operates at conversion rates up to 230 MSPS
while consuming just 1.05 mW per MHz of clock frequency,
or 210 mW at 200 MSPS. Raising the PD pin puts the
ADC08200 into a Power Down mode where it consumes
about 1 mW.
The unique architecture achieves 7.3 Effective Bits with
50 MHz input frequency. The ADC08200 is resistant to
latch-up and the outputs are short-circuit proof. The top and
bottom of the ADC08200’s reference ladder are available for
connections, enabling a wide range of input possibilities. The
digital outputs are TTL/CMOS compatible with a separate
output power supply pin to support interfacing with 3V or
2.5V logic. The digital inputs (CLK and PD) are TTL/CMOS
compatible. The output data format is straight binary.
The ADC08200 is offered in a 24-lead plastic package
(TSSOP) and, while specified over the industrial temperature
range of −40˚C to +85˚C, it will function over the to −40˚C to
+105˚C temperature range. An evaluation board is available
to assist in the easy evaluation of the ADC08200.
Features
n
Single-ended input
n
Internal sample-and-hold function
n
Low voltage (single +3V) operation
n
Small package
n
Power-down feature
Key Specifications
n
Resolution
8 Bits
n
Maximum sampling frequency
200 MSPS (min)
n
DNL
±0.4 LSB (typ)
n
ENOB (f
IN= 50 MHz)
7.3 bits (typ)
n
THD (f
IN= 50 MHz)
61 dB (typ)
n
Power Consumption
— Operating
1.05 mW/MSPS (typ)
— Power Down
1 mW (typ)
Applications
n
Flat panel displays
n
Projection systems
n
Set-top boxes
n
Battery-powered instruments
n
Communications
n
Medical imaging
n
Astronomy
Pin Configuration
20017901
July 2006
© 2006 National Semiconductor Corporation
DS200179
www.national.com


Similar Part No. - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
National Semiconductor ...
ADC08200CIMT NSC-ADC08200CIMT Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08200CIMT TI1-ADC08200CIMT Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08200CIMT/NOPB TI1-ADC08200CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results

Similar Description - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200_08 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com