Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08200 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08200
Description  8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08200 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC08200 Datasheet HTML 2Page - National Semiconductor (TI) ADC08200 Datasheet HTML 3Page - National Semiconductor (TI) ADC08200 Datasheet HTML 4Page - National Semiconductor (TI) ADC08200 Datasheet HTML 5Page - National Semiconductor (TI) ADC08200 Datasheet HTML 6Page - National Semiconductor (TI) ADC08200 Datasheet HTML 7Page - National Semiconductor (TI) ADC08200 Datasheet HTML 8Page - National Semiconductor (TI) ADC08200 Datasheet HTML 9Page - National Semiconductor (TI) ADC08200 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VDR = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 5 pF, fCLK = 200 MHz at 50% duty
cycle. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
POWER SUPPLY CHARACTERISTICS
I
A
Analog Supply Current
DC Input
69.75
86
mA (max)
f
IN = 10 MHz, VIN =FS−3dB
69.75
mA
I
DR
Output Driver Supply Current
DC Input, PD = Low
0.25
0.6
mA (max)
I
A +IDR
Total Operating Current
DC Input, PD = Low
70
86.6
mA (max)
CLK Low, PD = Hi
0.3
mA
PC
Power Consumption
DC Input, Excluding Reference
210
260
mW (max)
CLK Low, PD = Hi
1
mW
PSRR
1
Power Supply Rejection Ratio
FSE change with 2.7V to 3.3V change
in V
A
54
dB
PSRR
2
Power Supply Rejection Ratio
SNR reduction with 200 mV at 1MHz
on supply
45
dB
AC ELECTRICAL CHARACTERISTICS
f
C1
Maximum Conversion Rate
230
200
MHz (min)
f
C2
Minimum Conversion Rate
10
MHz
t
CL
Minimum Clock Low Time
0.87
1.0
ns (min)
t
CH
Minimum Clock High Time
0.65
0.75
ns (min)
t
OH
Output Hold Time, Output Falling
(Note 10)
CLK to Data Invalid, V
A = 3.3V to
3.6V, t
A = −40˚C to +105˚C, CL =8
pF
2.4
3.3
ns (max)
Output Hold Time, Output Rising
(Note 10)
CLK to Data Invalid, V
A = 3.3V to
3.6V, t
A = −40˚C to +105˚C, CL =8
pF
1.9
2.5
ns (max)
t
OD
Output Delay, Output Falling
(Note 10)
CLK to Data Transition, V
A = 3.3V to
3.6V, V
A = −40˚C to +105˚C, CL =8
pF
3.9
2.4
ns (min)
5.1
ns (max)
Output Delay, Output Rising
(Note 10)
CLK to Data Transition, V
A = 3.3V to
3.6V, t
A = −40˚C to +105˚C, CL =8
pF
3.3
2.4
ns (min)
4.0
ns (max)
t
SLEW
Output Slew Rate
Output Falling, V
A = 3.3V, CL = 8 pF,
t
A = −40˚C to +105˚C
0.73
V/ns
Output Rising, V
A = 3.3V, CL = 8 pF,
t
A = −40˚C to +105˚C
0.88
V/ns
Pipeline Delay (Latency)
6
Clock Cycles
t
AD
Sampling (Aperture) Delay
CLK Rise to Acquisition of Data
2.6
ns
t
AJ
Aperture Jitter
2
ps rms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DR GND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, less than AGND or DR GND, or greater than VA or VDR), the current at that pin should
be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of
25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX = (TJmax − TA)/ θJA. The values
for maximum power dissipation listed above will be reached only when this device is operated in a severe fault condition (e.g., when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”.
www.national.com
6


Similar Part No. - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08200 NSC-ADC08200 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
National Semiconductor ...
ADC08200CIMT NSC-ADC08200CIMT Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08200CIMT TI1-ADC08200CIMT Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
ADC08200CIMT/NOPB TI1-ADC08200CIMT/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
More results

Similar Description - ADC08200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08200 NSC-ADC08200_08 Datasheet
435Kb / 20P
   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com