Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C22S6TPG-14 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # W65C22S6TPG-14
Description  Versatile Interface Adapter (VIA)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C22S6TPG-14 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button W65C22S6TPG-14 Datasheet HTML 23Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 24Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 25Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 26Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 27Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 28Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 29Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 30Page - List of Unclassifed Manufacturers W65C22S6TPG-14 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
The Western Design Center, Inc.
W65C22S Data Sheet
The Western Design Center
W65C22S
27
SET BY
CLEARED BY
CA2 active edge
Read or write
(ORA*)
CA1 active edge
Read or write
(ORA*)
Complete 8 shifts
Read or write Shift
Reg.
CB2 active edge
Read or write ORB*
CB1 active edge
Read or write ORB
Time-out of T2
Read T2 low or write
T2 high
Time-out of T1
Read T1C-L low or
write T1L-H high
Any enabled
interrupt
Clear all interrupts
*
If the CA2/CB2 control in the PCR is selected as "independent" interrupt input, then reading or writing the output register
ORA/ORB will not clear the flag bit. Instead, the bit must be cleared by writing into the IFR, as described previously.
Table 1-12 Interrupt Enable Register ($0E)
7
6
5
4
3
2
1
0
IER
Set/Clear
Timer1
Timer2
CB1
CB2
Shift
Register
CA1
CA2
0=Interrupt Disabled
1=Interrupt Enabled
Notes:
1. If bit 7 is a "0", then each Logic 1 in bits 0-6 disables the corresponding interrupt.
2. If bit 7 is a "1", then each Logic 1 in bits 0-6 enables the corresponding interrupt.
3. If a read of this register is done, bit 7 will be Logic 1 and all other bits will reflect their enable/disable state.


Similar Part No. - W65C22S6TPG-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
More results

Similar Description - W65C22S6TPG-14

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM6522A UMC-UM6522A Datasheet
791Kb / 17P
   Versatile Interface Adapter (VIA)
logo
List of Unclassifed Man...
R65C22 ETC1-R65C22 Datasheet
1Mb / 22P
   Versatile Interface Adapter (VIA)
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
logo
California Micro Device...
G65SC22 CALMIRCO-G65SC22 Datasheet
2Mb / 20P
   CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
[Old version datasheet]   Interface Adapter
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com