Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC0831 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC0831
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 1 page
background image
ADC0831/ADC0832/ADC0834/ADC0838
8-Bit Serial I/O A/D Converters with Multiplexer Options
General Description
The ADC0831 series are 8-bit successive approximation A/D
converters with a serial I/O and configurable input multiplex-
ers with up to 8 channels. The serial I/O is configured to
comply with the NSC MICROWIREserial data exchange
standard for easy interface to the COPSfamily of proces-
sors, and can interface with standard shift registers or µPs.
The 2-, 4- or 8-channel multiplexers are software configured
for single-ended or differential inputs as well as channel
assignment.
The differential analog voltage input allows increasing the
common-mode rejection and offsetting the analog zero input
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.
Features
n
NSC MICROWIRE compatible — direct interface to
COPS family processors
n
Easy interface to all microprocessors, or operates
“stand-alone”
n
Operates ratiometrically or with 5 V
DC voltage reference
n
No zero or full-scale adjust required
n
2-, 4- or 8-channel multiplexer options with address logic
n
Shunt regulator allows operation with high voltage
supplies
n
0V to 5V input range with single 5V power supply
n
Remote operation with serial digital data link
n
TTL/MOS input/output compatible
n
0.3" standard width, 8-, 14- or 20-pin DIP package
n
20 Pin Molded Chip Carrier Package (ADC0838 only)
n
Surface-Mount Package
Key Specifications
n
Resolution
8 Bits
n
Total Unadjusted Error
±12 LSB and ±1 LSB
n
Single Supply
5 V
DC
n
Low Power
15 mW
n
Conversion Time
32 µs
Typical Application
00558301
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPSand MICROWIREare trademarks of National Semiconductor Corporation.
July 2002
© 2002 National Semiconductor Corporation
DS005583
www.national.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ML2281Serial I/O 8-Bit A/D Converters with Multiplexer Options 1 2 3 4 5 MoreMicro Linear Corporation
ADC088318-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08448-Bit uP Compatible A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08088-Bit uP Compatible A/D Converters with 8-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC0831C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLV0831C3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl