Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADC0831 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. ADC0831
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 5 page
background image
Converter and Multiplexer Electrical Characteristics The following specifications apply for
VCC =V+=VREF = 5V, VREF
≤ V
CC +0.1V, TA =Tj = 25˚C, and fCLK = 250 kHz unless otherwise specified. Boldface limits
apply from T
MIN to TMAX. (Continued)
Parameter
Conditions
CIWM Devices
BCV, CCV, CCWM, BCN
and CCN Devices
Typ
Tested
Design
Typ
Tested
Design
Units
(Note 12)
Limit
Limit
(Note 12)
Limit
Limit
(Note 13) (Note 14)
(Note 13)
(Note 14)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Power Supply Sensitivity
V
CC=5V±5%
±1/16
±14
±14
±1/16
±14
±14
LSB
I
OFF, Off Channel Leakage
On
Channel=5V,
−0.2
−0.2
−1
µA
Current (Note 9)
Off
Channel=0V
−1
On
Channel=0V,
+0.2
+0.2
+1
µA
Off
Channel=5V
+1
I
ON, On Channel Leakage
On
Channel=0V,
−0.2
−0.2
−1
µA
Current (Note 9)
Off
Channel=5V
−1
On
Channel=5V,
+0.2
+0.2
+1
µA
Off
Channel=0V
+1
DIGITAL AND DC CHARACTERISTICS
V
IN(1), Logical “1” Input
V
CC=5.25V
2.0
2.0
2.0
V
Voltage (Min)
V
IN(0), Logical “0” Input
V
CC=4.75V
0.8
0.8
0.8
V
Voltage (Max)
I
IN(1), Logical “1” Input
V
IN=5.0V
0.005
1
0.005
1
1
µA
Current (Max)
I
IN(0), Logical “0” Input
V
IN=0V
−0.005
−1
−0.005
−1
−1
µA
Current (Max)
V
OUT(1), Logical “1” Output
V
CC=4.75V
Voltage (Min)
I
OUT=−360 µA
2.4
2.4
2.4
V
I
OUT=−10 µA
4.5
4.5
4.5
V
V
OUT(0), Logical “0” Output
V
CC=4.75V
0.4
0.4
0.4
V
Voltage (Max)
I
OUT=1.6 mA
I
OUT, TRI-STATE Output
V
OUT=0V
−0.1
−3
−0.1
−3
−3
µA
Current (Max)
V
OUT=5V
0.1
3
0.1
+3
+3
µA
I
SOURCE, Output Source
V
OUT=0V
−14
−6.5
−14
−7.5
−6.5
mA
Current (Min)
I
SINK, Output Sink Current (Min)
V
OUT=VCC
16
8.0
16
9.0
8.0
mA
I
CC, Supply Current (Max)
ADC0831, ADC0834,
0.9
2.5
0.9
2.5
2.5
mA
ADC0838
ADC0832
Includes
Ladder
2.3
6.5
2.3
6.5
6.5
mA
Current
www.national.com
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC080318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options
Voltage Reference and Track/Hold Function
1 2 3 4 5 MoreNational Semiconductor (TI)
ADC081318-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC080328-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options Voltage Reference and Track/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ML2281Serial I/O 8-Bit A/D Converters with Multiplexer Options 1 2 3 4 5 MoreMicro Linear Corporation
ADC088318-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08448-Bit uP Compatible A/D Converters with Multiplexer Options 1 2 3 4 5 MoreNational Semiconductor (TI)
ADC08088-Bit uP Compatible A/D Converters with 8-Channel Multiplexer 1 2 3 4 5 MoreNational Semiconductor (TI)
TLC0831C8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments
TLV0831C3-VOLT 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl