Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1870 Datasheet(PDF) 4 Page - NEC

Part No. UPA1870
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1870 Datasheet(HTML) 4 Page - NEC

  UPA1870 Datasheet HTML 1Page - NEC UPA1870 Datasheet HTML 2Page - NEC UPA1870 Datasheet HTML 3Page - NEC UPA1870 Datasheet HTML 4Page - NEC UPA1870 Datasheet HTML 5Page - NEC UPA1870 Datasheet HTML 6Page - NEC UPA1870 Datasheet HTML 7Page - NEC UPA1870 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G14886EJ2V0DS
4
µµµµPA1870
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
40
30
20
10
VGS = 2.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
30
20
10
0
VGS = 4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
75˚C
−25˚C
25˚C
30
20
10
0
VGS = 4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
ID = 3.0 A
−50
0
50
100
150
10
20
30
VGS = 2.5 V
4.5 V
4.0 V
0
0
20
10
30
40
50
2
4
6
810
12
VGS - Gate to Source Voltage - V
ID = 3.0 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
100
f = 1 MHz
Ciss
Crss
Coss


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn