Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N25 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 4N25
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N25 Datasheet(HTML) 6 Page - Vishay Siliconix

  4N25 Datasheet HTML 1Page - Vishay Siliconix 4N25 Datasheet HTML 2Page - Vishay Siliconix 4N25 Datasheet HTML 3Page - Vishay Siliconix 4N25 Datasheet HTML 4Page - Vishay Siliconix 4N25 Datasheet HTML 5Page - Vishay Siliconix 4N25 Datasheet HTML 6Page - Vishay Siliconix 4N25 Datasheet HTML 7Page - Vishay Siliconix 4N25 Datasheet HTML 8Page - Vishay Siliconix 4N25 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83725
Rev. 1.4, 26-Jan-05
4N25/ 4N26/ 4N27/ 4N28
Vishay Semiconductors
Figure 11. Normalized HFE vs. Base Current and Temp.
Figure 12. Propagation Delay vs. Collector Load Resistor
Figure 13. Switching Timing
i4n25_11
0.0
0.5
1.0
1.5
25°C
–20°C
50°C
70°C
1
10
100
1000
Vce=10 V, Ib=20
µA
TA=25°C
Vce=0.4 V
Ib - Base Current -
µA
Normalized to:
i4n25_12
1
10
100
1000
RL - Collector Load Resistor - k
2.5
2.0
1.5
1.0
.1
1
10
100
IF =10 mA,TA=25°C
VCC=5.0 V, Vth=1.5 V
tPLH
tPHL
i4n25_13
IF
tR
=1.5 V
VO
tD
tS
tF
tPHL
tPLH
VTH
Figure 14. Switching Schematic
i4n25_14
VCC =5.0 V
F=10 KHz,
DF=50%
RL
VO
IF=1 0 mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn