Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1325-117AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1325-117AC
Description  256K x 18 Synchronous 3.3V Cache RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325-117AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1325-117AC Datasheet HTML 1Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 2Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 3Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1325-117AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
256K x 18 Synchronous
3.3V Cache RAM
CY7C1325
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
May 10, 2000
Features
• Supports 117-MHz microprocessor cache systems with
zero wait states
• 256K by 18 common I/O
• Fast clock-to-output times
— 7.5 ns (117-MHz version)
• Two-bit wrap-around counter supporting either inter-
leaved or linear burst sequence
• Separate processor and controller address strobes pro-
vides direct interface with the processor and external
cache controller
• Synchronous self-timed write
• Asynchronous output enable
• I/Os capable of 2.5–3.3V operation
• JEDEC-standard pinout
• 100-pin TQFP packaging
• ZZ “sleep” mode
Functional Description
The CY7C1325 is a 3.3V, 256K by 18 synchronous cache
RAM designed to interface with high-speed microprocessors
with minimum glue logic. Maximum access delay from clock
rise is 7.5 ns (117-MHz version). A 2-bit on-chip counter cap-
tures the first address in a burst and increments the address
automatically for the rest of the burst access.
The CY7C1325 allows both an interleaved or linear burst se-
quences, selected by the MODE input pin. A HIGH selects an
interleaved burst sequence, while a LOW selects a linear burst
sequence. Burst accesses can be initiated with the Processor
Address Strobe (ADSP) or the Cache Controller Address
Strobe (ADSC) inputs. Address advancement is controlled by
the Address Advancement (ADV) input.
A synchronous self-timed write mechanism is provided to sim-
plify the write interface. A synchronous chip enable input and
an asynchronous output enable input provide easy control for
bank selection and output three-state control.
CLK
ADV
ADSC
A[17:0]
GW
BWE
BW
0
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
INPUT
REGISTERS
256K X 18
MEMORY
ARRAY
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
DQ
DQ[15:8]
BYTEWRITE
REGISTERS
DQ[7:0]
BYTEWRITE
REGISTERS
D
Q
ENABLE
REGISTER
D
Q
CE
CLK
18
18
18
16
16
18
(A0,A1) 2
MODE
ADSP
Logic Block Diagram
DQ[15:0]
BW
1
DP[1:0]
Selection Guide
7C1325-117
7C1325-100
7C1325-80
7C1325-50
Maximum Access Time (ns)
7.5
8.0
8.5
11.0
Maximum Operating Current (mA)
350
325
300
250
Maximum Standby Current (mA)
10.0
10.0
10.0
10.0
Intel and Pentium are registered trademarks of Intel Corporation.


Similar Part No. - CY7C1325-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13251KV18 CYPRESS-CY7C13251KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100AC CYPRESS-CY7C1325B-100AC Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100AI CYPRESS-CY7C1325B-100AI Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325B-100BGC CYPRESS-CY7C1325B-100BGC Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325-117AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
CY7C1031 CYPRESS-CY7C1031 Datasheet
282Kb / 13P
   64K x 18 Synchronous Cache RAM
CY7C179 CYPRESS-CY7C179 Datasheet
1Mb / 12P
   32K x 18 Synchronous Cache RAM
logo
Integrated Silicon Solu...
IS61SP25616 ISSI-IS61SP25616 Datasheet
120Kb / 15P
   256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com