Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRPC-10B Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPC-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-10B Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPC-10B Datasheet HTML 1Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 2Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 3Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 4Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 5Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 6Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 7Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 8Page - Bel Fuse Inc. VRPC-10B Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-10B
5V Input / 1.5 – 3.3V Output / 10A
page 4
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
3. di/dt = 0.5A/uS, Vin = 5VDC, Ta = 25° C, and with a 470µF aluminum cap on output.
Output Specifications
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
3
.
3
0
90
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
5
.
2
0
90
3
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
90
3
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
5
.
1
0
70
2
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
80
2
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
0
40
8s
µ


Similar Part No. - VRPC-10B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A150 BEL-VRPC-10A150 Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A15S BEL-VRPC-10A15S Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A250 BEL-VRPC-10A250 Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
VRPC-10A25S BEL-VRPC-10A25S Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
More results

Similar Description - VRPC-10B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10B BEL-V7PC-10B Datasheet
291Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
VRPC-10A BEL-VRPC-10A Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
V7PC-10A BEL-V7PC-10A Datasheet
313Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com