Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C196-20VC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C196-20VC
Description  64K x 4 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C196-20VC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C196-20VC Datasheet HTML 1Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 2Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 3Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 4Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 5Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 6Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 7Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 8Page - Cypress Semiconductor CY7C196-20VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
64K x 4 Static RAM
CY7C194
CY7C195
CY7C196
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-05162 Rev. **
Revised September 18, 2001
96
Features
• High speed
—12 ns
• Output enable (OE) feature (7C195 and 7C196)
• CMOS for optimum speed/power
• Low active power
— 880 mW
• Low standby power
— 220 mW
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
Functional Description
The CY7C194, CY7C195, and CY7C196 are high-perfor-
mance CMOS static RAMs organized as 65,536 by 4 bits.
Easy memory expansion is provided by active LOW Chip En-
able(s) (CE on the CY7C194 and CY7C195, CE1, CE2 on the
CY7C196) and three-state drivers. They have an automatic
power-down feature, reducing the power consumption by 75%
when deselected.
Writing to the device is accomplished when the Chip Enable(s)
(CE on the CY7C194 and CY7C195, CE1, CE2 on the
CY7C196) and Write Enable (WE) inputs are both LOW. Data
on the four input pins (I/O0 through I/O3) is written into the
memory location, specified on the address pins (A0 through
A15).
Reading the device is accomplished by taking the Chip En-
able(s) (CE on the CY7C194 and CY7C195, CE1, CE2 on the
CY7C196) LOW, while Write Enable (WE) remains HIGH. Un-
der these conditions the contents of the memory location
specified on the address pins will appear on the four data I/O
pins.
A die coat is used to ensure alpha immunity.
CE
Logic Block Diagram
Pin Configurations
1024 x 64 x 4
ARRAY
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
POWER
DOWN
WE
(OE)
(7C195 and
7C196 ONLY)
I/O3
CE2 (7C196 only)
I/O2
I/O1
I/O0
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
DIP/SOJ
7C194
A5
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O3
I/O2
I/O1
I/O0
A0
GND
12
13
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
DIP/SOJ
7C195
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O3
I/O2
I/O1
I/O0
A0
CE1
A14
A15
A5
A14
A15
OE
NC
NC
CE2
(7C196)
INPUT BUFFER
CE1
A9
A10
7C196
C194-1
C194-2
C194-3
NC
(7C195)
Selection Guide
7C194-12
7C195-12
7C196-12
7C194-15
7C195-15
7C196-15
7C194-20
7C195-20
7C196-20
7C194-25
7C195-25
7C196-25
7C194-35
7C195-35
7C196-35
7C194-45
7C196-45
Maximum Access Time (ns)
12
15
20
25
35
45
Maximum Operating Current (mA)
155
145
135
115
115
Maximum Standby Current (mA)
30
30
30
30
30
30


Similar Part No. - CY7C196-20VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1910BV18 CYPRESS-CY7C1910BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1910BV18 CYPRESS-CY7C1910BV18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1910BV18-167BZC CYPRESS-CY7C1910BV18-167BZC Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1910BV18-167BZC CYPRESS-CY7C1910BV18-167BZC Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1910BV18-167BZI CYPRESS-CY7C1910BV18-167BZI Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
More results

Similar Description - CY7C196-20VC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6208C MOTOROLA-MCM6208C Datasheet
175Kb / 8P
   64K x 4 Fast Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com