Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3645 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3645
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3645 Datasheet HTML 2Page - Maxim Integrated Products MAX3645 Datasheet HTML 3Page - Maxim Integrated Products MAX3645 Datasheet HTML 4Page - Maxim Integrated Products MAX3645 Datasheet HTML 5Page - Maxim Integrated Products MAX3645 Datasheet HTML 6Page - Maxim Integrated Products MAX3645 Datasheet HTML 7Page - Maxim Integrated Products MAX3645 Datasheet HTML 8Page - Maxim Integrated Products MAX3645 Datasheet HTML 9Page - Maxim Integrated Products MAX3645 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Detailed Description
The MAX3645 consists of gain stages, offset correction,
power detector, LOS indicators, and PECL output buffers.
See Figure 2 for the functional diagram.
Data Input
The data inputs have a single-ended input resistance of
4.8k
Ω and are internally DC-biased to VCC - 0.87V (see
Figure 3). External capacitors are required to AC-cou-
ple the data signals. Pattern-dependent jitter is mini-
mized by using coupling capacitor values large enough
to pass the lowest frequencies of interest (consecutive
ones and zeros) with the given input resistance.
Typically, 0.1µF coupling capacitors yield a -3dB fre-
quency of 354Hz. Capacitor tolerance and input resis-
tance variation (3.3k
Ω to 6.4kΩ) must be considered to
accurately calculate the -3dB frequency. Capacitor val-
ues should be chosen that set the -3dB frequency at
least a factor of 10 below the lowest frequency of inter-
est. A capacitor value of 0.1µF is recommended.
Gain Stage and Offset Correction
The limiting amplifier provides approximately 74dB
(RTH = 100
Ω) of gain. This large gain makes the ampli-
fier susceptible to small DC offsets in the signal path.
To correct DC offsets, the amplifier has an internal feed-
back loop that acts as a DC autozero circuit. By cor-
recting the DC offsets, the limiting amplifier improves
receiver sensitivity and power-detector accuracy.
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
6
_______________________________________________________________________________________
PIN
MINDSPEED
MC2045-2
MC2045-2Y
PIN NAME
MAXIM
MAX3645
PIN NAME
FUNCTION
1
CAZ-
CAZ2
Offset-Correction-Loop Capacitor Connection. A capacitor connected between this pin and
CAZ1 sets the time constant of the offset correction loop. The offset correction is disabled
when the CAZ1 and CAZ2 pins are shorted together.
2
CAZ+
CAZ1
Offset-Correction-Loop Capacitor Connection. A capacitor connected between this pin and
CAZ2 sets the time constant of the offset correction loop. The offset correction is disabled
when the CAZ2 and CAZ1 pins are shorted together.
3
GNDA
GNDA
Analog Supply Ground. Must be at the same potential as the GNDE pin.
4DIN
DIN+
Positive Data Input
5DIN
DIN-
Negative Data Input
6VCCA
VCCA
+2.97V to +5.5V Analog Supply Voltage. Must be at same potential as the VCCE pin.
7CF
CSD
Signal-Detect-Filter Capacitor Connection. Connect the CSD capacitor between CSD and VCCA.
8
JAM
DIS
Disable Input, PECL or CMOS Compatible. Data outputs are held to a static logic 0 when DIS is
asserted high. The LOS function remains active when the outputs are disabled. When
connected to the LOS pin, an automatic squelch function is enabled.
9
ST
LOS
Positive Loss-of-Signal Output, PECL. LOS is high when the level of the input signal drops
below the threshold set by the TH input. LOS is low when the signal level is above the
threshold. LOS can be connected directly to DIS for automatic squelch.
10
ST
LOS
Negative Loss-of-Signal Output, PECL. LOS is low when the level of the input signal drops
below the threshold set by the TH input. LOS is high when the signal level is above the
threshold.
11
GNDE
GNDE
Digital Supply Ground. Must be at the same potential as the GNDA pin.
12
DOUT
DOUT-
Negative Data Output, PECL. A high at DIS forces DOUT- high.
13
DOUT
DOUT+
Positive Data Output, PECL. A high at DIS forces DOUT+ low.
14
VCCE
VCCE
+2.97V to +5.5V Digital Supply Voltage. Must be at the same potential as the VCCA pin.
15
NC
N.C.
No Connection
16
VSET
TH
Loss-of-Signal Threshold Pin. Resistor (RTH) to ground sets the LOS threshold. This pin cannot
be left open.
Pin Description


Similar Part No. - MAX3645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3645 MAXIM-MAX3645 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645EEE++ MAXIM-MAX3645EEE+ Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645ESE MAXIM-MAX3645ESE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
More results

Similar Description - MAX3645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
MAX3645EEE MAXIM-MAX3645EEE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Rev 1; 11/04
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3964A MAXIM-MAX3964A Datasheet
808Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 3; 9/04
MAX3964 MAXIM-MAX3964 Datasheet
896Kb / 12P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
Rev 1; 10/02
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com