Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C195-35VC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C195-35VC
Description  64K x 4 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C195-35VC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C195-35VC Datasheet HTML 4Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 5Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 6Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 7Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 8Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 9Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 10Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 11Page - Cypress Semiconductor CY7C195-35VC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C194
CY7C195
CY7C196
Document #: 38-05162 Rev. **
Page 8 of 12
7C194 Truth Table
CE
WE
Data I/O
Mode
Power
H
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
Data Out
Read
Active (ICC)
L
L
Data In
Write
Active (ICC)
7C195 Truth Table
CE1
WE
OE
Data I/O
Mode
Power
H
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
H
L
Data Out
Read
Active (ICC)
L
L
X
Data In
Write
Active (ICC)
L
H
H
High Z
Deselect
Active (ICC)
7C196 Truth Table
CE1
CE2
WE
OE
Data I/O
Mode
Power
H
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
X
H
X
X
L
L
H
L
Data Out
Read
Active (ICC)
L
L
L
X
Data In
Write
Active (ICC)
L
L
H
H
High Z
Deselect
Active (ICC)


Similar Part No. - CY7C195-35VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C195B CYPRESS-CY7C195B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C195B-12VC CYPRESS-CY7C195B-12VC Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C195B-15VC CYPRESS-CY7C195B-15VC Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C195B-25PC CYPRESS-CY7C195B-25PC Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
More results

Similar Description - CY7C195-35VC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6208C MOTOROLA-MCM6208C Datasheet
175Kb / 8P
   64K x 4 Fast Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com