Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC7MZ273FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7MZ273FK
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7MZ273FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7MZ273FK
2001-10-23
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7MZ273FK
Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
The TC7MZ273FK is a high-performance CMOS octal D-type
flip-flop. Designed for use in 3.3-V systems, it achieves
high-speed operation while maintaining CMOS low power
dissipation.
The device is designed for low-voltage (3.3-V) applications, but
can also be used to interface both inputs and outputs with a 5-V
supply environment.
D-input signal is sent to Q-output when clock rises. Clear input
is Low-active and all flip-flop outputs are reset Low.
All inputs are equipped with protection circuits to guard
against static discharge.
Features
• Low voltage operation: VCC = 2.0 V~3.6 V
• High-speed operation: tpd = 8.5 ns (max) (VCC = 3.0 V~3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: ±500 mA
• Package: VSSOP (US20)
• Power-down protection is provided for all inputs and outputs.
• Pin and function compatible with the 74 Series (74AC/VHC/HC/F/ALS/LS etc.) 273 type.
Weight: 0.03 g (typ.)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn