Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7MZ273FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC7MZ273FK
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ273FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MZ273FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ273FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MZ273FK
2001-10-23
5
Dynamic Switching Characteristics
(Ta
==== 25°C, Input: tr ==== tf ==== 2.5 ns, CL ==== 50 pF, RL ==== 500 Ω
Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum dynamic
VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum dynamic
VOL
|VOLV|
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
0
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note11)
3.3
25
pF
Note11: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn