Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT16825DLG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ABT16825DLG4
Description  18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16825DLG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT16825DLG4 Datasheet HTML 1Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 2Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 3Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 4Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 5Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 6Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 7Page - Texas Instruments SN74ABT16825DLG4 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54ABT16825, SN74ABT16825
18-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS218D – JUNE 1992 – REVISED OCTOBER 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of Texas Instruments’ Widebus™
Family
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD 17
D Typical VOLP (Output Ground Bounce)
<1 V at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D Distributed VCC and GND Pins Minimize
High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
description
The ’ABT16825 devices are 18-bit buffers and line
drivers designed specifically to improve both the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
receivers and transmitters. These devices can be
used as two 9-bit buffers or one 18-bit buffer. They
provide true data.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that, if either output-enable
(OE1 or OE2) input is high, all nine affected
outputs are in the high-impedance state.
When VCC is between 0 and 2.1 V, the device is
in the high-impedance state during power up or
power
down.
However,
to
ensure
the
high-impedance state above 2.1 V, OE should be
tied to VCC through a pullup resistor; the minimum
value of the resistor is determined by the
current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°Cto85°C
SSOP
DL
Tube
SN74ABT16825DL
ABT16825
–40
°C to 85°C
SSOP – DL
Tape and reel
SN74ABT16825DLR
ABT16825
–55
°C to 125°C
CFP–WD
Tube
SNJ54ABT16825WD
SNJ54ABT16825WD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
© 2000, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
SN54ABT16825 . . . WD PACKAGE
SN74ABT16825 ... DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OE1
1Y1
1Y2
GND
1Y3
1Y4
VCC
1Y5
1Y6
1Y7
GND
1Y8
1Y9
GND
GND
2Y1
2Y2
GND
2Y3
2Y4
2Y5
VCC
2Y6
2Y7
GND
2Y8
2Y9
2OE1
1OE2
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
1A7
GND
1A8
1A9
GND
GND
2A1
2A2
GND
2A3
2A4
2A5
VCC
2A6
2A7
GND
2A8
2A9
2OE2


Similar Part No. - SN74ABT16825DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT16825DLG4 TI-SN74ABT16825DLG4 Datasheet
192Kb / 10P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT16825DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16825 TI-54ACT16825 Datasheet
106Kb / 6P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16825 TI-SN54ABT16825_07 Datasheet
192Kb / 10P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_07 Datasheet
154Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162825 TI-SN54ABT162825 Datasheet
117Kb / 7P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162825 HITACHI-HD74ALVCH162825 Datasheet
55Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16825 HITACHI-HD74ALVCH16825 Datasheet
47Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16825 TI-54ACT16825_08 Datasheet
323Kb / 10P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com