Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC6NF30V Datasheet(PDF) 8 Page - STMicroelectronics

Part # STC6NF30V
Description  N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC6NF30V Datasheet(HTML) 8 Page - STMicroelectronics

  STC6NF30V Datasheet HTML 1Page - STMicroelectronics STC6NF30V Datasheet HTML 2Page - STMicroelectronics STC6NF30V Datasheet HTML 3Page - STMicroelectronics STC6NF30V Datasheet HTML 4Page - STMicroelectronics STC6NF30V Datasheet HTML 5Page - STMicroelectronics STC6NF30V Datasheet HTML 6Page - STMicroelectronics STC6NF30V Datasheet HTML 7Page - STMicroelectronics STC6NF30V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STC6NF30V
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2002 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - STC6NF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
275Kb / 13P
   N-channel 30V - 0.020ohm - 6A - TSSOP8 2.5V-drive STripFE TM II Power MOSFET
February 2007 Rev 4
STC6NF30V STMICROELECTRONICS-STC6NF30V_07 Datasheet
275Kb / 13P
   N-channel 30V - 0.020ohm - 6A - TSSOP8 2.5V-drive STripFE TM II Power MOSFET
February 2007 Rev 4
More results

Similar Description - STC6NF30V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC6NF30V STMICROELECTRONICS-STC6NF30V_07 Datasheet
275Kb / 13P
   N-channel 30V - 0.020ohm - 6A - TSSOP8 2.5V-drive STripFE TM II Power MOSFET
February 2007 Rev 4
STS6DNF30V STMICROELECTRONICS-STS6DNF30V Datasheet
267Kb / 8P
   DUAL N-CHANNEL 30V - 0.026ohm - 6A SO-8 2.5V-DRIVE STripFET??II POWER MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
   N-channel 30V - 0.027廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
   N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
   N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET??II POWER MOSFET
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
   N-channel 20V - 0.030廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
STC5DNF30V STMICROELECTRONICS-STC5DNF30V Datasheet
255Kb / 12P
   Dual N-channel 30V - 0.032??- 4.5A - TSSOP8 2.7V-Driver STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com