Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54LV11A Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54LV11A
Description  TRIPLE 3-INPUT POSITIVE-AND GATES
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54LV11A Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54LV11A, SN74LV11A
TRIPLE 3INPUT POSITIVEAND GATES
SCES345D − DECEMBER 2000 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Max tpd of 7 ns at 5 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These triple 3-input positive-AND gates are
designed for 2-V to 5.5-V VCC operation.
The ’LV11A devices perform the Boolean function
Y
+ A • B • CorY + A ) B ) C in positive
logic.
These
devices
are
fully
specified
for
partial-power-down applications using Ioff. The Ioff
circuitry
disables
the
outputs,
preventing
damaging current backflow through the devices
when they are powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube of 50
SN74LV11AD
LV11A
SOIC − D
Reel of 2500
SN74LV11ADR
LV11A
SOP − NS
Reel of 2000
SN74LV11ANSR
74LV11A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV11ADBR
LV11A
−40
°C to 85°C
Tube of 90
SN74LV11APW
TSSOP − PW
Reel of 2000
SN74LV11APWR
LV11A
TSSOP − PW
Reel of 250
SN74LV11APWT
LV11A
TVSOP − DGV
Reel of 2000
SN74LV11ADGVR
LV11A
CDIP − J
Tube of 25
SNJ54LV11AJ
SNJ54LV11AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV11AW
SNJ54LV11AW
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54LV11AFK
SNJ54LV11AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
SN54LV11A ...FK PACKAGE
(TOP VIEW)
SN54LV11A ...J OR W PACKAGE
SN74LV11A ... D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y
NC
3C
NC
3B
2A
NC
2B
NC
2C
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54ACT11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 Texas Instruments
SN54ALS11ATRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54F11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 Texas Instruments
SN54HC11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54LS11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54LS15TRIPLE 3-INPUT POSITIVE-AND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 Texas Instruments
SN54AC11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN74LS11TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 Texas Instruments
74AC11011TRIPLE 3-INPUT POSITIVE-AND GATES 1 2 3 4 5 Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn