Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83950BVQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950BVQB
Description  REPEATER INTERFACE CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950BVQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83950BVQB Datasheet HTML 1Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 2Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 3Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 4Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 5Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 6Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 7Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 8Page - National Semiconductor (TI) DP83950BVQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Original Creation Date: 10/24/94
Last Update Date: 02/24/99
Last Major Revision Date: 10/24/94
MNDP83950B-VQB REV 0B0
MICROCIRCUIT DATA SHEET
REPEATER INTERFACE CONTROLLER
General Description
The "RIC" may be used to implement an IEEE 802.3 multiport repeater unit including the
functions defined by the repeater, segment partition, and jabber lockup protection state
machines.
The RIC has an on-chip phase-locked-loop (PLL) for Manchester data decoding, a Manchester
encoder, and an Elasticity Buffer for preamble regeneration.
Each RIC can connect to 13 cable segments via its network interface ports. One port is
fully AUI compatible and is able to connect to an external MAU using the maximum lenght of
AUI cable. The other 12 ports have integrated 10BASE-T transceivers. These transceiver
functions may be bypassed so that the RIC may be used with external transceivers. In
addition, large repeater units, containing several hundred ports may be constructed by
cascading RICs together over an Inter-RIC bus.
The RIC is configurable for specific applications. It provides port status information for
LED array displays and a simple interface for system processors. The RIC posseses
multi-function counter and status flag arrays to facilitate network statistics gathering.
A serial interface, known as the Management Interface is available for the collection of
data in Managed Hub applications.
NS Part Numbers
DP83950BVQB-MPC
Industry Part Number
DP83950BVQB
Prime Die
DP63950
Processing
(blank)
Quality Conformance Inspection
(blank)
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+85
3
Static tests at
-40
4
Dynamic tests at
+25
5
Dynamic tests at
+85
6
Dynamic tests at
-40
7
Functional tests at
+25
8A
Functional tests at
+85
8B
Functional tests at
-40
9
Switching tests at
+25
10
Switching tests at
+85
11
Switching tests at
-40
1


Similar Part No. - DP83950BVQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950BVQB NSC-DP83950BVQB Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
More results

Similar Description - DP83950BVQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
   LitE Repeater Interface Controller
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
   Lite End Multiport Repeater Interface Controller
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
   8-Port Lite Ethernet Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83952 NSC-DP83952 Datasheet
832Kb / 90P
   Repeater Interface Controller with Security Features (RIC II)
logo
Pepperl+Fuchs Inc.
VAR-G4F PF-VAR-G4F Datasheet
241Kb / 2P
   AS-Interface repeater
2019-08-23
VAR-KE3-TERM PF-VAR-KE3-TERM Datasheet
256Kb / 2P
   AS-Interface repeater
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com