Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1133A Datasheet(PDF) 9 Page - New Japan Radio

Part # NJW1133A
Description  AUDIO PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1133A Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJW1133A Datasheet HTML 5Page - New Japan Radio NJW1133A Datasheet HTML 6Page - New Japan Radio NJW1133A Datasheet HTML 7Page - New Japan Radio NJW1133A Datasheet HTML 8Page - New Japan Radio NJW1133A Datasheet HTML 9Page - New Japan Radio NJW1133A Datasheet HTML 10Page - New Japan Radio NJW1133A Datasheet HTML 11Page - New Japan Radio NJW1133A Datasheet HTML 12Page - New Japan Radio NJW1133A Datasheet HTML 13Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NJW1133A
-9 -
d) TONE CONTROL TREBLE SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
03H
BCT
TREB
BCST
SUB-TREB
•BCT : Boost cut select for Treble control
“0” : Cut
“1” : Boost
•TREB: Treble control(1dB/step)
•BCST : Boost cut select for Sub-Treble control
“0” : Cut
“1” : Boost
•SUB-TREB: Sub-Treble control(1dB/step)
e)OUTPUT AND AUXILIARY SETTING
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
05H
OUT
Don’t Care
AUX1
AUX0
•OUT: ON/OFF Switch for OUTPUT
“0” : OFF
“1” : ON
•AUX1/AUX2: Auxiliary port High/Low
“0” : Logic output ”Low”
“1” : Logic output ”High”


Similar Part No. - NJW1133A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132L NJRC-NJW1132L Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132M NJRC-NJW1132M Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
More results

Similar Description - NJW1133A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
NJW1165 NJRC-NJW1165 Datasheet
508Kb / 25P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com