Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS96F172ME Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F172ME
Description  EIA-485/EIA-422 Quad Differential Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F172ME Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS96F172ME Datasheet HTML 1Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 2Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 3Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 4Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 5Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 6Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 7Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 8Page - National Semiconductor (TI) DS96F172ME Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings
COMMERCIAL(Note 2)
Specifications for the 883 version of this product are
listed separately on the following pages.
Storage Temperature Range (T
STG)
−65˚C to +175˚C
Lead Temperature (Soldering, 60
sec.)
300˚C
Maximum Package Power Dissipation (Note 1) at 25˚C
Ceramic DIP (J)
1500 mW
Supply Voltage
7.0V
Enable Input Voltage
5.5V
Recommended Operating
Conditions
Min Typ Max Units
Supply Voltage (V
CC)
DS96F174C
4.75 5.0 5.25
V
Common Mode
−7.0
+12.0
V
Output Voltage (V
OC)
Output Current HIGH
(I
OH)
−60
mA
Output Current LOW
(I
OL)
60
mA
Operating Temperature
(T
A)
DS96F174C
0
+70
˚C
Note 1: Derate “J” package 10 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended supply voltage and operating temperature range, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
T
A = 0˚C to +70˚C
0.8
V
T
A = −55˚C to +125˚C
0.7
V
OH
Output Voltage HIGH
I
OH = −33 mA
T
A = 0˚C to +70˚C
3.0
V
V
OL
Output Voltage LOW
I
OL =33mA
T
A = 0˚C to +70˚C
2.0
V
V
IC
Input Clamp Voltage
I
I = −18 mA
−1.5
V
|V
OD1|
Differential Output Voltage
I
O = 0 mA
6.0
V
|V
OD2|
Differential Output Voltage
R
L =54
Ω, Figure 1
T
A = −55˚C
1.2
2.0
V
1.5
R
L = 100
Ω, Figure 1
2.0
2.3
V
OD
Differential Output Voltage
Figure 2
T
A = 0˚C to +70˚C
1.0
V
∆|V
OD|
Change in Magnitude of Differential
R
L =54
Ω or 100Ω,
−40˚C to +125˚C
±0.2
V
Output Voltage (Note 5)
Figure 1
−55˚C to +125˚C
±0.4
V
OC
Common Mode Output Voltage
(Note 6)
R
L =54
Ω or 100Ω, Figure 1
3.0
V
∆|V
OC|
Change in Magnitude of Common
R
L =54
Ω or 100Ω, Figure 1
±0.2
V
Mode Output Voltage (Note 5)
I
O
Output Current with Power Off
V
CC = 0V, VO = −7.0V to +12V
±50
µA
I
OZ
High Impedance State Output
Current
V
O = −7.0V to +12V
±20
±50
µA
I
IH
Input Current HIGH
V
I = 2.4V
20
µA
I
IL
Input Current LOW
V
I = 0.4V
−50
µA
I
OS
Short Circuit Output Current
V
O = −7.0V
−250
(Note 7)
V
O = 0V
−150
mA
V
O =VCC
150
V
O = +12V
250
I
CC
Supply Current (All Drivers)
No Load
Outputs Enabled
50
mA
I
CCX
Outputs Disabled
30
www.national.com
2


Similar Part No. - DS96F172ME

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172ME/883 NSC-DS96F172ME/883 Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
DS96F172ME/883 TI1-DS96F172ME/883 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - DS96F172ME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com