Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFL0510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TFL0510
Description  high-precision, thin-film chip inductors.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TFL0510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TFL0510 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TFL series, high-precision,
thin-film chip inductors.
An excellent inductance tolerance of
0.1nH and thickness of 0.4 0.1mm.
Self-resonance frequencies of more than 1GHz and temperature coefficient of inductance
from 0 to
200ppm/ C are available.
Our SMD components contribute to lead-free composition of electronics products.
TFL 0816 - 1NO (-ME6)
Inductance value
Inductance tolerance value
0.1nH
Part Code
Dimensions
SPECIFICATIONS
Electrical
PART NUMBER
W
P
L
T
Mechanical
Type
inductance value
inductance range (nH)
Self resonance Frequency(GHz)
DC resistance(
Ω)
TFL0510
1.0 1.2
2.4 3.9
1.3 2.2
Rated Current(A)
* Measured at 200MHz in case of 33,36,39nH(TFL0510) and 33-100nH(TFL0816)
** No measuring in case of 33,36,39nH(TFL0510) and 33-100nH(TFL0816)
4.3 9.1
18 39
10 16
5.6 8.2
1.0 4.7
TFL0816
10 27
82 100
inductance tolerance
0.1nH
0.2nH
3%
2%
0.2nH
2%
2%
Q value (at 300MHz)
10
*10
15
20
15
*10
*15
Q value (at 800MHz) typ.
21
34 30
30 25
15
25
Q value (at 1.5GHz) typ.
25
25 20
**20
20
38 35
35 30
**
33 68
0.1
7.0
0.20 0.40
0.15 0.20
0.60 1.50
5.5 4.0
2.55 4.00
2.0 1.5
1.50 2.55
4.0
0.50
5.0 4.0
0.10 0.25
6.0 5.0
1.0 2.0
4.0 2.0
6.0 8.5
1.0
2.0 4.5
1.2
0.58 0.42
0.93 0.60
0.34 0.21
0.16 0.12
0.21 0.16
0.40
1.0 0.6
0.3 0.2
0.12 0.1
0.2 0.14
1.5 1.0
E-24
E-12
susumu group catalog
Package
10,000pcs/reel
5,000pcs/reel
Dimension
TFL0510
(0402)
L
W
P
T
1.00 0.10
0.50 0.10
0.15 0.10
0.40 0.10
TFL0816
(0805)
1.60 0.10
0.80 0.10
0.30 0.20
0.45 0.10
Eauivalent circuit
18


Similar Part No. - TFL0510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFL0510 ETC2-TFL0510 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
More results

Similar Description - TFL0510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL0603 ETC2-HPL0603_1 Datasheet
54Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors.
TFL0816-68N ETC2-TFL0816-68N Datasheet
59Kb / 1P
   HPL, TFL series, high-precision, thin-film chip inductors
logo
RHOPOINT COMPONENTS
RR1632 RHOPOINT-RR1632 Datasheet
69Kb / 1P
   Precision Thin Film Chip
logo
WALSIN TECHNOLOGY CORPO...
TA06 WALSIN-TA06 Datasheet
574Kb / 9P
   High Precision Thin Film Chip Resistors
WFXXT WALSIN-WFXXT Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXF_Q WALSIN-WFXXF_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
WFXXB WALSIN-WFXXB Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
SFXXT_A WALSIN-SFXXT_A Datasheet
1Mb / 10P
   High Precision Thin Film chip resistors
WFXXT_Q WALSIN-WFXXT_Q Datasheet
1Mb / 10P
   High Precision Thin Film Chip Resistors
logo
Vishay Siliconix
TNPU0603 VISHAY-TNPU0603 Datasheet
94Kb / 7P
   High Precision Thin Film Chip Resistors
Revision: 12-Aug-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com