Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3163PWR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3163PWR2G
Description  3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3163PWR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3163PWR2G Datasheet HTML 1Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 2Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 3Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 4Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 5Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 6Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 7Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 8Page - ON Semiconductor NCP3163PWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 1
1
Publication Order Number:
NCP3163/D
NCP3163
3.4 A, Step−Up/Down/
Inverting 50−300 kHz
Switching Regulator
The NCP3163 Series is a performance enhancement to the popular
MC33163 and MC34163 monolithic DC−DC converters. These
devices consist of an internal temperature compensated reference,
comparator, controlled duty cycle oscillator with an active current
limit circuit, driver and high current output switch. This controller was
specifically designed to be incorporated in step−down, step−up, or
voltage−inverting applications with a minimum number of external
components. The NCP3163 comes in an exposed pad package which
can greatly increase the power dissipation of the built in power switch.
Features
Output Switch Current in Excess of 3.0 A
3.4 A Peak Switch Current
Frequency is Adjustable from 50 kHz to 300 kHz
Operation from 2.5 V to 40 V Input
Externally Adjustable Operating Frequency
Precision 2% Reference for Accurate Output Voltage Control
Driver with Bootstrap Capability for Increased Efficiency
Cycle−by−Cycle Current Limiting
Internal Thermal Shutdown Protection
Low Voltage Indicator Output for Direct Microprocessor Interface
Exposed Pad Power Package
Low Standby Current
This is a Pb−Free Device
+
16
9
10
11
12
13
14
15
8
7
6
5
4
3
2
LVI
Oscillator
+
+
Current
Limit
Figure 1. Typical Buck Application Circuit
(Bottom View)
+
+
+
1
VCC
VCC
VCC
Vin
Cin
Thermal
Vout
+
CO
R
S
Q
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
NCP3163x = Specific Device Code
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
1
16
SOIC−16W
EXPOSED PAD
PW SUFFIX
CASE 751AG
http://onsemi.com
16
1
NCP3163xPW
AWLYYWWG
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
18−LEAD DFN
MN SUFFIX
CASE 505
1
NCP3163x
AWLYYWW
G
G
118
18
(Note: Microdot may be in either location)


Similar Part No. - NCP3163PWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163PWR2G ONSEMI-NCP3163PWR2G Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
NCP3163PWR2G ONSEMI-NCP3163PWR2G Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
More results

Similar Description - NCP3163PWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3163 ONSEMI-NCP3163_10 Datasheet
254Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50-300 kHz Switching Regulator
April, 2010-Rev. 7
NCP3163 ONSEMI-NCP3163_07 Datasheet
210Kb / 20P
   3.4 A, Step-Up/Down/ Inverting 50−300 kHz Switching Regulator
January, 2007-Rev. 4
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCV33163 ONSEMI-NCV33163 Datasheet
203Kb / 16P
   2.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2002 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com