Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE6V8A Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 1.5KE6V8A
Description  TRANSIL UNIAND BIDIRECTIONALTYPES
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

1.5KE6V8A Datasheet(HTML) 3 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.5KExx
3/6
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
nom
max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
V
V
V
mA
VAVA
10
-4/°C
pF
1.5KE200A
1.5KE200CA
1
171
190
200
210
1
274
5.5
353
28
10.8
675
1.5KE220A
1.5KE220CA
1
188
209
220
231
1
328
4.6
388
26
10.8
625
1.5KE250A
1.5KE250CA
1
213
237
250
263
1
344
5.0
442
23
11
560
1.5KE300A
1.5KE300CA
1
256
285
300
315
1
414
5.0
529
19
11
500
1.5KE350A
1.5KE350CA
1
299
332
350
368
1
482
4.0
618
16
11
430
1.5KE400A
1.5KE400CA
1
342
380
400
420
1
548
4.0
706
14
11
390
1.5KE440A
1.5KE440CA
1
376
418
440
462
1
603
3.5
776
13
11
360
Note 2 :
Pulse test: tp <50ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C).
Note 4 :
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
Fig. 1: Peak pulse power dissipation versus
initial junction temperature (printed circuit
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ITAXXU1TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
BZW04-5V8TRANSIL 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1-4F1QUAD TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
BZW06-5V8TRANSIL 1 2 3 4 5 MoreSTMicroelectronics
ESDALC6V1P5QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ESDA25B1TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
SM6HTHIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreSTMicroelectronics
ESDA25DB3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 STMicroelectronics
ITAXXB1BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION 1 2 3 4 5 MoreSTMicroelectronics
ESDA6V1S3TRANSIL ARRAY FOR ESD PROTECTION 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn