Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRGPS40B120UD Datasheet(PDF) 6 Page - International Rectifier

Part # IRGPS40B120UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPS40B120UD Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGPS40B120UD Datasheet HTML 2Page - International Rectifier IRGPS40B120UD Datasheet HTML 3Page - International Rectifier IRGPS40B120UD Datasheet HTML 4Page - International Rectifier IRGPS40B120UD Datasheet HTML 5Page - International Rectifier IRGPS40B120UD Datasheet HTML 6Page - International Rectifier IRGPS40B120UD Datasheet HTML 7Page - International Rectifier IRGPS40B120UD Datasheet HTML 8Page - International Rectifier IRGPS40B120UD Datasheet HTML 9Page - International Rectifier IRGPS40B120UD Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRGPS40B120UD
6
www.irf.com
Fig. 14 - Typ. Switching Time vs. IC
TJ = 125°C; L=200µH; VCE= 600V
RG= 4.7Ω; VGE= 15V
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 125°C; L=200µH; VCE= 600V
RG= 4.7Ω; VGE= 15V
Fig. 16 - Typ. Switching Time vs. RG
TJ = 125°C; L=200µH; VCE= 600V
ICE= 40A; VGE= 15V
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 125°C; L=200µH; VCE= 600V
ICE= 40A; VGE= 15V
0
20406080
IC (A)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
EOFF
EON
20
40
60
80
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
0
5
10
15
20
25
RG (Ω)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
EON
EOFF
0
5
10
15
20
25
RG (Ω)
10
100
1000
tR
tdOFF
tF
tdON


Similar Part No. - IRGPS40B120UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPS40B120UDP IRF-IRGPS40B120UDP Datasheet
132Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UDP IRF-IRGPS40B120UDP Datasheet
137Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS40B120UDP IRF-IRGPS40B120UDP_15 Datasheet
137Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGPS40B120UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com