Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC374APW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC374APW
Description  Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC374APW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC374APW Datasheet HTML 4Page - NXP Semiconductors 74LVC374APW Datasheet HTML 5Page - NXP Semiconductors 74LVC374APW Datasheet HTML 6Page - NXP Semiconductors 74LVC374APW Datasheet HTML 7Page - NXP Semiconductors 74LVC374APW Datasheet HTML 8Page - NXP Semiconductors 74LVC374APW Datasheet HTML 9Page - NXP Semiconductors 74LVC374APW Datasheet HTML 10Page - NXP Semiconductors 74LVC374APW Datasheet HTML 11Page - NXP Semiconductors 74LVC374APW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
74LVC374A
Octal D-type flip-flop with 5-volt tolerant
inputs/outputs; positive edge-trigger (3-State)
1998 Jul 29
9
SSOP20:
plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1


Similar Part No. - 74LVC374APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC374APW NEXPERIA-74LVC374APW Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
74LVC374APW-Q100 NEXPERIA-74LVC374APW-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
More results

Similar Description - 74LVC374APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC574A PHILIPS-74LVC574A Datasheet
99Kb / 10P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com