Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT489LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MMBT489LT1
Description  High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MMBT489LT1 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT489LT1
http://onsemi.com
3
100 ms
10 ms
1 ms
Figure 3. hFE versus Ic
0.001
2
0.01
0.1
800
0
100
Ic (A)
200
300
400
500
600
700
Figure 4. VBE(on) versus Ic
0.001
2
0.01
0.1
1.2
0
Ic (A)
0.2
0.4
0.6
0.8
Figure 5. VBE(sat) versus Ic
0.001
2
0.01
0.1
1.2
0
Ic (A)
0.2
0.4
0.6
0.8
1.0
Figure 6. Safe Operating Area
0.1
100
110
10
0.01
VCE (V)
0.1
1
1
+125
°C
+25
°C
−55
°C
VCE = 5 V
1
1.0
+125
°C
+25
°C
−55
°C
VCE = 5 V
1
Ic/Ib = 100
Ic/Ib = 10
SINGLE PULSE Tamb = 25°C
1 s
dc
0.1
Figure 7. Normalized Thermal Response
t, TIME (sec)
1.0E+00
1.0E−03
1.0E−02
1E−05
0.01
0.1
1.0
100
1000
1.0E−01
0.0001
0.001
10
D = 0.01
0.02
0.05
r(t)
0.2
0.5


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NSS35200CF8T1GHigh Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
NSL12AWHigh Current Surface Mount PNP Silicon Low VCE sat Transistor for Battery Operated Applications 1 2 3 4 ON Semiconductor
2N2222ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ACSM4HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2222ADCSMDUAL HIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
2N2369ACSMHIGH SPEED MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreMotorola, Inc
CZT651SURFACE MOUNT NPN HIGH CURRENT SILICON TRANSISTOR 1 2 Central Semiconductor Corp
2N2907ACSMHIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 1 2 Seme LAB

Link URL
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
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn