Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR1220P-102-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RR1220P-102-F
Description  high-precision metal film chip resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RR1220P-102-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RR1220P-102-F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RR series, high-precision metal
film chip resistors
Excellent in resistance tolerance, temperature coefficient of resistance,
high-frequency characteristics, current-noise-free characteristics, and minimized
third harmonic distortion.
Our SMD components contribute to lead-free composition of electronics products.
W
P
L
T
Dimension
(mm)
RR0306
(0201)
RR0510
(0402)
RR0816
(0603)
RR1220
(0805)
L
W
P
T
0.60 0.05
0.30 0.05
0.12 0.05
0.23 0.03
1.00 0.05
0.50 0.05
0.20 0.10
0.35 0.05
1.60 0.20
0.80 0.20
0.30 0.20
0.40 0.10
RR1632
(1206)
RR2632
(1210)
3.20 0.20
1.60 0.20
0.50 0.20
0.40 0.10
3.20 0.20
2.60 0.20
0.50 0.20
0.40 0.10
2.00 0.20
1.25 0.20
0.40 0.20
0.40 0.10
RR0306
Type
Power
Resistance Tolerance
(code)
Resistance Range
( )
Resistance Value
Maximum Operating Voltage
1/20W
100
(R)
1.0%
(F)
10
30
E 24
15V
RR0510
1/16W
0.5%(D)
0.5%(D)
0.5%(D)
0.5%
(D)
E 24/E 96
25V
RR0816
1/16W
E 24/E 96
75V
RR1220
1/10W
E 24/E 96
100V
RR1632
1/8W
50
(Q)
10 49.9
25
(P)
51 1M
E 24/E 96
150V
RR2632
1/4W
50
(Q)
10 49.9
25
(P)
51 2M
E 24/E 96
200V
Package
5,000pcs/reel
10,000pcs/reel
5,000pcs/reel
5,000pcs/reel
5,000pcs/reel
1,000
5,000pcs/reel
RR 0816 P - 102 - D
Resistance Tolerance
Resistance (RR1632 and RR2632 are expressed
in four-digit figures.)
Temperature Coefficient of Resistance
Dimensions
Part Code
SPECIFICATIONS
Mechanical
Electrical
Equivalent circuit
PART NUMBER
susumu group catalog
Temperature Coefficient
of Resistance ppm C(code)
• Contact us also for RL0816 JMP jumper resistor whose dimensions are the same as those of RR0816.
• Contact us also for high stable type (Operating Temp. : 15 C)
• RR0816 with 1/10W power consumption, RR1220 with 1/8W power consumption, and RR1632 with 1/4W power consumption
are available to meet your needs.
25
(P)
0.5%
(D)
33
22K
100
(R)
10
97.6
25
(P)
100
100K
50
(Q)
10
97.6
25
(P)
100
360K
50
(Q)
10
97.6
25
(P)
100
1M
5


Similar Part No. - RR1220P-102-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR1220P-101-D ETC2-RR1220P-101-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-103-D ETC-RR1220P-103-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
logo
Diodes Incorporated
RR1220P-103-D DIODES-RR1220P-103-D Datasheet
707Kb / 8P
   75mA, 60V Low-side Adjustable Linear LED Driver
RR1220P-103-D DIODES-RR1220P-103-D Datasheet
700Kb / 8P
   75mA, 60V Low-side Adjustable Linear LED Driver
More results

Similar Description - RR1220P-102-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR0306 ETC-RR0306 Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR0510P-101-D ETC2-RR0510P-101-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
RR0816P-203-D ETC2-RR0816P-203-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
RR0816P-153-D ETC2-RR0816P-153-D Datasheet
390Kb / 1P
   Metal thin film chip resistors (precision)
RR1220P-4991-D-M ETC-RR1220P-4991-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-511-D ETC2-RR0510P-511-D Datasheet
51Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-101-D ETC2-RR1220P-101-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-103-D ETC-RR1220P-103-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR1220P-2490-D-M ETC-RR1220P-2490-D-M Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR0510P-392-D ETC2-RR0510P-392-D Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com