Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6084ALM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6084ALM
Description  Precision CMOS Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6084ALM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6084ALM Datasheet HTML 1Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 2Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 3Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 4Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 5Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 6Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 7Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 8Page - National Semiconductor (TI) LMC6084ALM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, Boldface limits apply at the temperature extremes. V
+ = 5V, V
= 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Typ
LMC6084AM LMC6084AI LMC6084I
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Limit
Units
(Note 6)
(Note 6)
(Note 6)
SR
Slew Rate
(Note 8)
1.5
0.8
0.8
0.8
V/µs
0.5
0.6
0.6
Min
GBW
Gain-Bandwidth Product
1.3
MHz
φ
m
Phase Margin
50
Deg
Amp-to-Amp Isolation
(Note 9)
140
dB
e
n
Input-Referred Voltage Noise
F = 1 kHz
22
nV/
Hz
i
n
Input-Referred Current Noise
F = 1 kHz
0.0002
pA/
Hz
T.H.D.
Total Harmonic Distortion
F = 10 kHz, A
V = −10
R
L =2k
Ω,V
O =8VPP
0.01
%
±5V Supply
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 2: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 3: The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =(TJ(Max)
−TA)/θJA.
Note 4: Human body model, 1.5 k
Ω in series with 100 pF.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 8: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 9: Input referred V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turm with 1 kHz to produce VO =12VPP.
Note 10: For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD =(TJ −TA)/θJA. All numbers apply for
packages soldered directly into a PC board.
Note 11: Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected.
Note 12: All numbers apply for packages soldered directly into a PC board.
www.national.com
4


Similar Part No. - LMC6084ALM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6084AIM TI1-LMC6084AIM Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
LMC6084AIM/NOPB TI1-LMC6084AIM/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
LMC6084AIMX/NOPB TI1-LMC6084AIMX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
More results

Similar Description - LMC6084ALM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6084 TI1-LMC6084 Datasheet
1Mb / 20P
[Old version datasheet]   LMC6084 Precision CMOS Quad Operational Amplifier
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
   Precision Quad Operational Amplifier
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
   Quad Precision Operational Amplifier
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
   Precision Quad Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M Datasheet
196Kb / 8P
   Quad Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com