Electronic Components Datasheet Search |
|
LMC6084ALN Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
LMC6084ALN Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 14 page AC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T J = 25˚C, Boldface limits apply at the temperature extremes. V + = 5V, V− = 0V, V CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified. Typ LMC6084AM LMC6084AI LMC6084I Symbol Parameter Conditions (Note 5) Limit Limit Limit Units (Note 6) (Note 6) (Note 6) SR Slew Rate (Note 8) 1.5 0.8 0.8 0.8 V/µs 0.5 0.6 0.6 Min GBW Gain-Bandwidth Product 1.3 MHz φ m Phase Margin 50 Deg Amp-to-Amp Isolation (Note 9) 140 dB e n Input-Referred Voltage Noise F = 1 kHz 22 nV/ √Hz i n Input-Referred Current Noise F = 1 kHz 0.0002 pA/ √Hz T.H.D. Total Harmonic Distortion F = 10 kHz, A V = −10 R L =2k Ω,V O =8VPP 0.01 % ±5V Supply Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Note 2: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability. Note 3: The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =(TJ(Max) −TA)/θJA. Note 4: Human body model, 1.5 k Ω in series with 100 pF. Note 5: Typical values represent the most likely parametric norm. Note 6: All limits are guaranteed by testing or statistical analysis. Note 7: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V. Note 8: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates. Note 9: Input referred V+ = 15V and RL = 100 kΩ connected to 7.5V. Each amp excited in turm with 1 kHz to produce VO =12VPP. Note 10: For operating at elevated temperatures the device must be derated based on the thermal resistance θJA with PD =(TJ −TA)/θJA. All numbers apply for packages soldered directly into a PC board. Note 11: Do not connect output to V+, when V+ is greater than 13V or reliability will be adversely affected. Note 12: All numbers apply for packages soldered directly into a PC board. www.national.com 4 |
Similar Part No. - LMC6084ALN |
|
Similar Description - LMC6084ALN |