Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-P5CN010W1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-P5CN010W1
Description  SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P5CN010W1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-P5CN010W1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P5CN010W1 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

FTR-P5 SERIES
n
ORDERING INFORMATION
FTR-P5 C N 02 W **
[Example]
(a)
(b) (c) (d) (e)
(f)
n
FEATURES
l
Lowoperatingsound
Anoriginalsilentmechanismdecreasesthepropagationof
operatingsoundwhenmountedonaPCB.(Averagesound
pressure:50dBat5cm).
l
Compact,highdensitypackage
98mm2mountingarea.(46%lessthantheFTR-PSe-
riesquiettwinrelay).
l
Highsensitivity,lowpowerconsumption
(nominalpowerconsumption:450mW).
l
Highcapacity
Heatdissipationishighduetoasinglecoverstructure.
l
EaseofPCBlayout
Allterminalsareontheperimeter.
l
Highbreakingcapability.
Inadditiontothestandardgapproduct(0.3mm),ahigher
gapproduct(0.6mm),suitableforovervoltagebreaking
canbesupplied.
l
Typicalapplications:
Wiper/IWW,Powerwindow,Doorlock,Powerseat
Sunroof,Interiorlighting,Fan
l
RoHScompliantsincedatecode:0623
Pleaseseepage8formoreinformation
FTR-P5 SERIES
SILENT RELAY FOR
AUTOMOTIVE APPLICATIONS
1 POLE—25 A
Note:Thepartnumberontherelaycoverdoesnotinclude'FTR'
Example:
Orderingpartnumber:FTR-P5CN02W
Stampedpartnumber:P5CN02W
(a)
SeriesName
FTR-P2 :FTR-P2Series
(b)
ContactArrangement C
:FormC
(c)
ContactGap
N
:0.3mmgap
P
:0.6mmgap
(d)
NominalVoltage
009:9VDC
00:0VDC
02:2VDC
(e)
ContactMaterial
W
:Silver-Tin-OxideIndiumOxide
(f)
Specialproduct
Symboltospecifyspecialspecificationproduct
specification
RoHS compliant


Similar Part No. - FTR-P5CN010W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P5CN010W1 FUJITSU-FTR-P5CN010W1 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
More results

Similar Description - FTR-P5CN010W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P6 FUJITSU-FTR-P6 Datasheet
444Kb / 7P
   MICRO SURFACE MOUNT RELAY 1 POLE-25 A (For Automotive Applications)
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FRL274ND012-01CD-A FUJITSU-FRL274ND012-01CD-A Datasheet
59Kb / 6P
   HIGH POWER RELAY 1 POLE??0 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com