Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-P5 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. FTR-P5
Description  SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-P5 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-P5 SERIES
1. LIFE TEST (EXAMPLES)
•Testcircuit
•Currentwaveform
•Shiftofpick-updrop-outvoltage
•Changeincontactresistance
•Testitem
4VDC,
inrushcurrent:30A
motorfree
300Koperationsminimum
0.25secondsON,
9.75secondsOFF
•Testcircuit
•Currentwaveform
•Changeinpick-updrop-outvoltage
•Changeincontactresistance
PICK-UP
Initial
Initial
Initial
Initial
PICK-UP
DROP-OUT
DROP-OUT
•Testitem
4VDC-25A
MotorLock
00Koperations
minimum*
n
CHARACTERISTIC DATA
Note:NCcontactsprovide
dynamicbrakecircuit
20
50
100
500
100
0
20
40
60
80
100
Number of operations (x 103 times)
1
10
100
1000
20
50
100
500
1000
(Measured at DC 6V 1A wet)
Number of operations (x 103 times)
2
5
10
50
100
0
20
40
60
80
100
Number of operations (x 103 times)
1
10
100
1000
20
50
100
500
1000
(Measured at DC 6V 1A wet)
Number of operations (x 103 times)
(RL-1)
20 sec
25 A
0 A
25 A
0 A
(RL-2)
0.25 sec
10 sec
0.25 sec
M
RL-1
RL-2
N.O.
N.C.
N.O.
N.C.
* 1 operation = 1 forward
and 1 reverse
M
N.O.
RL
N.C.
0 A
5 A
30 A
20 A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn