Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-P5 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. FTR-P5
Description  SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-P5 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-P5 SERIES
n
SPECIFICATIONS
n
COIL DATA
*Thisisthestandardvalueoftheminimumloadlevel.Thisvaluemaydifferdependingontheswitchingfrequency,environmental
conditionsandtargetreliabilitystandard.Werecommendtocheckthisvaluebyanactualloadpriortouse.
m
e
tI
n
o
it
a
c
if
i
c
e
p
S
k
r
a
m
e
R
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
C
m
r
o
F
1
l
a
ir
e
t
a
M
e
d
i
x
O
m
u
i
d
n
I-
e
d
i
x
O
n
i
T
-
r
e
v
li
S
p
o
r
d
e
g
a
tl
o
V
m
u
m
i
x
a
m
m
0
0
1
C
D
V
2
1
,
A
2
t
a
d
e
r
u
s
a
e
M
g
n
it
a
r
t
c
a
t
n
o
C
)
d
e
k
c
o
l
r
o
t
o
m
(
A
5
2
,
V
4
1
C
D
t
n
e
r
r
u
C
g
n
i
y
r
r
a
C
m
u
m
i
x
a
M
d
e
il
p
p
a
e
g
a
tl
o
v
l
a
n
i
m
o
n
,
C
5
2
(
r
u
o
h
1
/
A
5
2
)l
i
o
c
o
t
*
d
a
o
L
m
u
m
i
n
i
M
A
1
V
6
e
u
l
a
v
e
c
n
e
r
e
f
e
R
li
o
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
°
5
8
+
o
t
C
°
0
4
-
t
s
o
rf
o
N
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
C
°
0
0
1
+
o
t
C
°
0
4
-
e
m
i
T
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
t
a
r
e
p
O
m
u
m
i
x
a
m
s
m
0
1
s
i
e
g
a
tl
o
v
li
o
c
l
a
n
i
m
o
n
n
e
h
W
,
d
e
v
o
m
e
r
r
o
,l
i
o
c
o
t
d
e
il
p
p
a
.
e
d
o
i
d
o
n
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
s
a
e
l
e
R
m
u
m
i
x
a
m
s
m
5
e
fi
L
l
a
c
i
n
a
h
c
e
M
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
n
o
il
li
m
0
1
l
a
c
ir
t
c
e
l
E
m
u
m
i
n
i
m
s
m
o
it
a
r
e
p
o
K
0
0
1
g
n
it
a
r
t
c
a
t
n
o
c
t
A
r
e
h
t
O
)l
a
n
o
it
a
r
e
p
O
(
e
c
n
a
t
s
i
s
e
r
n
o
it
a
r
b
i
V
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
m
m
5
.
1
,
z
H
5
5
-
0
1
z
H
5
5
@
G
3
1
.
9
=
k
c
o
h
S
e
c
n
a
t
s
i
s
e
r
l
a
n
o
it
a
r
e
p
O
s
/
m
0
0
1
2
)
G
0
1
(
m
u
m
i
n
i
m
e
g
a
m
a
D
o
N
s
/
m
0
0
0
1
2
)
G
0
0
1
(
m
u
m
i
n
i
m
t
h
g
i
e
W
s
m
a
r
g
3
1
y
l
e
t
a
m
i
x
o
r
p
p
A
e
r
u
s
s
e
r
p
d
n
u
o
s
e
g
a
r
e
v
A
m
c
5
t
a
B
d
0
5
y
l
e
t
a
m
i
x
o
r
p
p
A
g
n
it
h
g
i
e
w
A
e
m
a
N
t
c
u
d
o
r
P
li
o
C
l
a
n
i
m
o
N
e
g
a
tl
o
V
*
e
c
n
a
t
s
i
s
e
R
li
o
C
)
%
0
1
±
(
r
e
w
o
P
n
o
it
p
m
u
s
n
o
C
li
o
c
l
a
n
i
m
o
n
t
a
*
e
g
a
tl
o
v
e
t
a
r
e
p
O
t
s
u
M
*
e
g
a
tl
o
V
e
s
a
e
l
e
R
t
s
u
M
e
g
a
tl
o
V
1
W
9
0
0
N
C
5
P
-
R
T
F
V
9
C
D
0
8
1 Ω
W
m
0
5
4
)
˚
0
2
(
V
5
.
5
)
˚
5
8
(
V
9
.
6
2
7
.
0
1
W
0
1
0
N
C
5
P
-
R
T
F
V
0
1
C
D
0
2
2 Ω
W
m
5
5
4
)
˚
0
2
(
V
3
.
6
)
˚
5
8
(
V
9
.
7
8
.
0
1
W
2
1
0
N
C
5
P
-
R
T
F
V
2
1
C
D
0
2
3 Ω
W
m
0
5
4
)
˚
0
2
(
V
3
.
7
)
˚
5
8
(
V
2
.
9
6
9
.
0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn