Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTR-P5 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. FTR-P5
Description  SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

FTR-P5 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-P5 SERIES
3. COIL TEMPERATURE RISE
4. OPERATING COIL VOLTAGE RANGE
2. MAXIMUM BREAK CAPACITY
100
50
20
10
5
2
1
10
13
15 17 20
25
30
Voltage between contacts (VDC)
Motor lock load
FTR-P5CN
100
80
60
40
20
0
0
Ambient temperature:20C,
one coil energized, 0.45 W coil power
(3) Contact carrying current: 20A
(2) Contact carrying current: 10A
10
20
30
Applied time (minutes)
140
120
100
80
60
40
-30 -20
0
20
40
60
80
100
Intermittent coil operation with 10A
carrying current
Must-o
perate
voltag
e
Continuous coil
power range
Ambient temperature (C)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn