Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21600N Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS21600N
Description  3.3V/5V Clock Rate Adapter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21600N Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS21600N Datasheet HTML 1Page - Maxim Integrated Products DS21600N Datasheet HTML 2Page - Maxim Integrated Products DS21600N Datasheet HTML 3Page - Maxim Integrated Products DS21600N Datasheet HTML 4Page - Maxim Integrated Products DS21600N Datasheet HTML 5Page - Maxim Integrated Products DS21600N Datasheet HTML 6Page - Maxim Integrated Products DS21600N Datasheet HTML 7Page - Maxim Integrated Products DS21600N Datasheet HTML 8Page - Maxim Integrated Products DS21600N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS21600/DS21602/DS21604 3.3V/5V Clock Rate Adapter
3 of 13
1. PIN DESCRIPTION
Table 1-A. Pin Description
PIN
DIP
SO
NAME
TYPE
FUNCTION
1, 3, 6, 8, 10,
11, 13, 15
N.C.
No Connect
1
2
SYNCOUT
Output
Synchronization Output. An 8kHz output that can be
synchronized to the clock outputs.
2
4
CLKOUT2
Output
Clock Output 2. T1 or E1 carrier clock output referenced to
CLKIN.
3
5
CLKIN
Input
Clock Input. Reference Clock Input. CLKOUT1 and CLKOUT2
will be referenced to this clock.
4
7
CLKOUT1
Output
Clock Output 1. T1 or E1 carrier clock output referenced to
CLKIN.
5
9
Vss
Supply
Ground
6
12
SEL
Input
Clock Mode Select. Conversion mode select.
7
14
SYNCIN
Input
Synchronization Input. Used to synchronize the clock outputs
and SYNCOUT to CLKIN and SYNCIN. SYNCIN should be tied
high or low when not in use.
8
16
VDD
Supply
Positive Supply, 3.3V or 5V ±5%
1.1 Pin Name Cross-Reference to LXP60X
Table 1-B. Pin Name Cross-Reference to LXP60x
DS21600/DS21602
/DS21604
LXP600ALXP602/
LXP604
FUNCTION
SYNCOUT
FSO
Synchronization Pulse Output
CLKOUT2
HFO
Clock 2 Output
CLKIN
CLKI
Clock Input
CLKOUT1
CLKO
Clock 1 Output
VSS
GND
Ground
SEL
SEL
Clock Mode Select
SYNCIN
FSI
Synchronization Pulse Input
N.C.
N.C.
No Connect
VDD
VCC
Positive Supply
Figure 1-1. Block Diagram
ANALOG
PLL
OUTPUT
DIVIDER
FRAME SYNC
GENERATOR
CLKIN
SEL
SYNCIN
CLKOUT2
CLKOUT1
SYNCOUT
FEEDBACK
CIRCUIT
Dallas Semiconductor
DS21600/DS21602/DS21604


Similar Part No. - DS21600N

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS216 LUMILEDS-DS216 Datasheet
2Mb / 23P
   Perfected performance, built on a proven legacy
logo
Dallas Semiconductor
DS21610 DALLAS-DS21610 Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21610 MAXIM-DS21610 Datasheet
324Kb / 15P
   3.3V/5V Clock Rate Adapter
REV: 011606
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
DS21610QN DALLAS-DS21610QN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
More results

Similar Description - DS21600N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21610-DS21610SN DALLAS-DS21610-DS21610SN Datasheet
604Kb / 15P
   3.3V/5V Clock Rate Adapter
logo
Maxim Integrated Produc...
DS21610 MAXIM-DS21610 Datasheet
324Kb / 15P
   3.3V/5V Clock Rate Adapter
REV: 011606
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
logo
Level One
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
   Low-Jitter Multi-Rate Clock Adapter(CLAD)
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C18551 PERICOM-PI6C18551 Datasheet
294Kb / 5P
   3.3V/5V 1 to 4 Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com