Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8310ARMZ-REEL1 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8310ARMZ-REEL1
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310ARMZ-REEL1 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8310ARMZ-REEL1 Datasheet HTML 16Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 17Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 18Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 19Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 20Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 21Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 22Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 23Page - Analog Devices AD8310ARMZ-REEL1 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8310
Rev. D | Page 20 of 24
EVALUATION BOARD
An evaluation board is available, which has been carefully laid
out and tested to demonstrate the specified high speed
performance of the AD8310. Figure 40 shows the schematic of
the evaluation board, which follows the basic connections
schematic shown in Figure 27.
Connectors INHI, INLO, and VOUT are of the SMA type.
Supply and ground are connected to the TP1 and TP2 vector
pins. The layout and silkscreen for the component side of the
board are shown in Figure 41 and Figure 42. Switches and
component settings for different setups are described in Table 6.
For ordering information, see the Error! Reference source not
found.
.
C2
0.01
µF
INHI ENBL BFIN VPOS
INLO COMM OFLT VOUT
AD8310
123
4
8
765
C4
0.01
µF
C1
0.01
µF
R3
52.3
SW1
A
B
R4
0
R1
0
INHI
INLO
TP2
C7
OPEN
W1
W2
C6
OPEN
R7
OPEN
R6
0
VOUT
C5
OPEN
C3
OPEN
R5
0
TP1
VPOS
R2
0
Figure 40. Evaluation Board Schematic
Figure 41. Layout of the Component Side of the Evaluation Board
Figure 42. Component Side Silkscreen of the Evaluation Board


Similar Part No. - AD8310ARMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310ARMZ-REEL7 AD-AD8310ARMZ-REEL7 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
More results

Similar Description - AD8310ARMZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8310 AD-AD8310_05 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310 AD-AD8310_15 Datasheet
393Kb / 24P
   Fast, Voltage-Out, DC to 440 MHz, 95 dB Logarithmic Amplifier
Rev. F
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
AD8307 AD-AD8307_15 Datasheet
401Kb / 24P
   Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
Rev. D
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com