Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC32245A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC32245A
Description  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32245A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC32245A Datasheet HTML 3Page - NXP Semiconductors 74LVC32245A Datasheet HTML 4Page - NXP Semiconductors 74LVC32245A Datasheet HTML 5Page - NXP Semiconductors 74LVC32245A Datasheet HTML 6Page - NXP Semiconductors 74LVC32245A Datasheet HTML 7Page - NXP Semiconductors 74LVC32245A Datasheet HTML 8Page - NXP Semiconductors 74LVC32245A Datasheet HTML 9Page - NXP Semiconductors 74LVC32245A Datasheet HTML 10Page - NXP Semiconductors 74LVC32245A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Sep 01
7
Philips Semiconductors
Product specification
32-bit bus transceiver with direction pin;
5 V tolerant; 3-state
74LVC32245A;
74LVCH32245A
DC CHARACTERISTICS
Over recommended operating conditions; voltage are referenced to GND (ground=0V).
Notes
1. All typical values are at VCC = 3.3 V and Tamb =25 °C.
2. For bus hold parts the bus hold circuit is switched off when VI exceeds VCC allowing 5.5 V on the input terminal.
3. Valid for data inputs of bus hold parts only (LVCH32xxx-A).
4. For data inputs only. Control inputs do not have a bus hold circuit.
5. The specified sustaining current at the data input holds the input below the specified VI level.
6. The specified overdrive current at the data input forces the data input to the opposite logic input level.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
−40 to +85
MIN.
TYP.(1) MAX.
VIH
HIGH-level input voltage
1.2
VCC
−−
V
2.7 to 3.6 2.0
−−
VIL
LOW-level input voltage
1.2
−−
GND
V
2.7 to 3.6
−−
0.8
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −12 mA
2.7
VCC − 0.5 −−
V
IO = −100 µA
3.0
VCC − 0.2 VCC
IO = −18 mA
3.0
VCC − 0.6 −−
IO = −24 mA
3.0
VCC − 0.8 −−
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 12 mA
2.7
−−
0.40
V
IO = 100 µA
3.0
−−
0.20
IO = 24 mA
3.0
−−
0.55
II
input leakage current
VI = 5.5 V or GND;
note 2
3.6
−±0.1
±5
µA
IOZ
3-state output OFF-state current
VI =VIH or VIL;
VO = 5.5 V or GND
3.6
0.1
±5
µA
Ioff
power off leakage supply current
VI or VO = 5.5 V
0.0
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0
3.6
0.1
40
µA
∆I
CC
additional quiescent supply
current per input pin
VI =VCC − 0.6 V; IO = 0
2.7 to 3.6
5
500
µA
IBHL
bus hold LOW sustaining current
VI = 0.8 V;
notes 3, 4 and 5
3.0
75
−−
µA
IBHH
bus hold HIGH sustaining current VI = 2.0 V;
notes 3, 4 and 5
3.0
−75
−−
µA
IBHLO
bus hold LOW overdrive current
notes 3, 4 and 6
3.6
500
−−
µA
IBHHO
bus hold HIGH overdrive current
notes 3, 4 and 6
3.6
−500
−−
µA


Similar Part No. - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245AEC NXP-74LVC32245AEC Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
logo
Nexperia B.V. All right...
74LVC32245AEC NEXPERIA-74LVC32245AEC Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
More results

Similar Description - 74LVC32245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com