Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRDB-10E180 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRDB-10E180
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-10E180 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRDB-10E180 Datasheet HTML 1Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 2Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 3Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 4Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 5Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 6Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 7Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 8Page - Bel Fuse Inc. SRDB-10E180 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP05SRDB-10E
4.5V – 13.2V Input / 1.0V – 5.0V Output / 10A
page 3
Output Specifications
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
1. Vin = 8V, Iout = full load, Ta = 25° C.
2. Two 270µF/16V with ESR = 0.018
Ω max at input, 0 - 20MHz BW, 1µF ceramic cap and 10µF aluminum cap at output.
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
t
n
i
o
P
t
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
1
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
t
u
o
V
0
0
9
.
4
4
3
2
.
3
0
5
4
.
2
4
6
7
.
1
0
7
4
.
1
6
7
1
.
1
0
8
9
.
0
0
.
5
3
.
3
5
.
2
8
.
1
5
.
1
2
.
1
0
.
1
0
0
1
.
5
6
6
3
.
3
0
5
5
.
2
6
3
8
.
1
0
3
5
.
1
4
2
2
.
1
0
2
0
.
1
V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
0
1
7
6
6
6
5
5
0
2
4
1
2
1
2
1
2
1
0
1
0
1
V
m
n
o
i
t
a
l
u
g
e
R
e
n
i
L
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
3
3
2
2
2
2
2
6
6
5
5
5
5
5
V
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
n
o
i
t
a
l
u
g
e
R
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
0
3
4
2
2
2
0
2
8
1
6
1
4
1
0
6
8
4
4
4
0
4
6
3
2
3
8
2
V
m
n
o
i
t
a
l
u
g
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
t
o
T
V
0
.
5
V
3
.
3
V
5
.
2
V
8
.
1
V
5
.
1
V
2
.
1
V
0
.
1
3
4
4
3
0
3
8
2
6
2
3
2
1
2
6
8
8
6
1
6
7
5
3
5
7
4
3
4
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
ll
A
0
50
0
1p
-
p
V
m
e
s
i
o
N
d
n
a
e
l
p
p
i
R
t
u
p
t
u
O
2
ll
A
5
10
3s
m
r
V
m
e
g
n
a
R
t
n
e
r
r
u
C
t
u
p
t
u
Oll
At
u
o
I0
0
1A
t
i
m
i
L
t
n
e
r
r
u
C
C
D
t
u
p
t
u
Oll
Am
il
t
u
o
I2
1
5
2A
e
g
r
u
S
t
i
u
c
r
i
C
t
r
o
h
Sll
Ae
g
r
u
s
t
u
o
I
1
.
02
.
0A2s
e
m
i
T
n
o
n
r
u
Tll
An
o
T
0
2s
m
n
O
n
r
u
T
t
a
t
o
o
h
s
r
e
v
Oll
A
0%
3V
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Oll
At
u
o
C0
0
0
0
4F
µ


Similar Part No. - SRDB-10E180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-12C1AH BEL-SRDB-12C1AH Datasheet
282Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRDB-10E180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com