Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-C617-N0001 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HLMP-C617-N0001
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C617-N0001 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HLMP-C617-N0001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-C617-N0001 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 7. Relative luminous intensity vs. angular displacement. 25 degree family.
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
L
101.5
162.4
M
162.4
234.6
N
234.6
340.0
O
340.0
540.0
P
540.0
850.0
Q
850.0
1200.0
R
1200.0
1700.0
Red/Orange
S
1700.0
2400.0
T
2400.0
3400.0
U
3400.0
4900.0
V
4900.0
7100.0
W
7100.0
10200.0
X
10200.0
14800.0
Y
14800.0
21400.0
Z
21400.0
30900.0
L
173.2
250.0
M
250.0
360.0
N
360.0
510.0
O
510.0
800.0
P
800.0
1250.0
Yellow
Q
1250.0
1800.0
R
1800.0
2900.0
S
2900.0
4700.0
T
4700.0
7200.0
U
7200.0
11700.0
V
11700.0
18000.0
W
18000.0
27000.0
1
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
45
0.1
0.3
0.4
40
35
30
25
20
10
5
0
15
-5
-10 -15 -20 -25 -30 -35 -40 -45
0.9


Similar Part No. - HLMP-C617-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C617 HP-HLMP-C617 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C617-N0001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com