Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S407-0007-55 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S407-0007-55
Description  SMD SINGLE OUTPUT PASSIVE DELAY MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S407-0007-55 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S407-0007-55 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: Belfuse@compuserve.com
Internet: http://www.belfuse.com
Specifications subject to change without notice.
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
Cat 24-R4
34
Transfer molded for better reliability
Compatible with ECL & TTL circuits
Terminals: Electro-Tin plate phosphor bronze
Performance warranty is limited to specified parameters listed
Tape & Reel available
24mm Wide x 12mm Pitch, 750 pieces per 13" reel
SMD SINGLE OUTPUT
PASSIVE DELAY MODULES
Part Numbers
Notes
Other Delays and Impedances Available
Consult Sales
0.0 + 0.20 ns
0.5 + 0.20 ns
1.0 + 0.20 ns
1.5 + 0.20 ns
2.0 + 0.20 ns
2.5 + 0.20 ns
3.0 + 0.20 ns
3.5 + 0.20 ns
4.0 + 0.20 ns
4.5 + 0.25 ns
5.0 + 0.25 ns
5.5 + 0.30 ns
6.0 + 0.30 ns
6.5 + 0.30 ns
7.0 + 0.30 ns
7.5 + 0.30 ns
8.0 + 0.30 ns
8.5 + 0.30 ns
9.0 + 0.30 ns
9.5 + 0.30 ns
10.0 + 0.30 ns
1.5 ns
1.6 ns
1.6 ns
1.6 ns
1.6 ns
1.7 ns
1.7 ns
1.7 ns
1.7 ns
1.8 ns
1.8 ns
1.9 ns
2.0 ns
2.1 ns
2.2 ns
2.3 ns
2.4 ns
2.5 ns
2.6 ns
2.7 ns
2.8 ns
0.20 Ohms
0.20 Ohms
0.20 Ohms
0.25 Ohms
0.25 Ohms
0.37 Ohms
0.37 Ohms
0.50 Ohms
0.50 Ohms
0.62 Ohms
0.62 Ohms
0.75 Ohms
0.75 Ohms
0.80 Ohms
0.80 Ohms
0.85 Ohms
0.85 Ohms
0.90 Ohms
0.90 Ohms
0.95 Ohms
0.95 Ohms
Test Conditions @ 25oC
Time in Minutes
* S407-0000-00
S407-00.5-XX
S407-0001-XX
S407-01.5-XX
S407-0002-XX
S407-02.5-XX
S407-0003-XX
S407-03.5-XX
S407-0004-XX
S407-04.5-XX
S407-0005-XX
S407-05.5-XX
S407-0006-XX
S407-06.5-XX
S407-0007-XX
S407-07.5-XX
S407-0008-XX
S407-08.5-XX
S407-0009-XX
S407-09.5-XX
S407-0010-XX
Total Delay
Rise Time
(True)
DCR
Maximum
1.00 Ohm
1.00 Ohm
1.05 Ohms
1.05 Ohms
1.15 Ohms
1.15 Ohms
1.45 Ohms
1.45 Ohms
1.60 Ohms
1.60 Ohms
1.75 Ohms
1.75 Ohms
1.80 Ohms
1.80 Ohms
1.85 Ohms
1.85 Ohms
1.90 Ohms
1.90 Ohms
1.95 Ohms
1.95 Ohms
2.00 Ohms
S407-10.5-XX
S407-0011-XX
S407-11.5-XX
S407-0012-XX
S407-12.5-XX
S407-0013-XX
S407-13.5-XX
S407-0014-XX
S407-14.5-XX
S407-0015-XX
S407-15.5-XX
S407-0016-XX
S407-16.5-XX
S407-0017-XX
S407-17.5-XX
S407-0018-XX
S407-18.5-XX
S407-0019-XX
S407-19.5-XX
S407-0020-XX
S407-20.5-XX
10.5 + 0.35 ns
11.0 + 0.35 ns
11.5 + 0.35 ns
12.0 + 0.35 ns
12.5 + 0.35 ns
13.0 + 0.35 ns
13.5 + 0.35 ns
14.0 + 0.35 ns
14.5 + 0.40 ns
15.0 + 0.40 ns
15.5 + 0.40 ns
16.0 + 0.40 ns
16.5 + 0.45 ns
17.0 + 0.45 ns
17.5 + 0.45 ns
18.0 + 0.45 ns
18.5 + 0.50 ns
19.0 + 0.50 ns
19.5 + 0.50 ns
20.0 + 0.50 ns
20.5 + 0.50 ns
2.9 ns
3.0 ns
3.1 ns
3.2 ns
3.3 ns
3.4 ns
3.5 ns
3.6 ns
3.7 ns
3.8 ns
3.9 ns
4.0 ns
4.1 ns
4.2 ns
4.3 ns
4.5 ns
4.7 ns
4.8 ns
5.0 ns
5.1 ns
5.2 ns
XX = Zo
XX = Zo
* Shorting Device
Impedance in Ohms + 10%, XX = 55; 55 Ohms, XX = 93; 93 Ohms
.375
.350
.300
.285 Max
Gnd 8
bel (DC)
(P/N)
In 1
.22 Max
.030
.008
.012
4o
.018
.50 Max
.015
.004
8
6
4
2
for 90 Seconds Max
> 185o C
225o C Max Temp.
Infra Red
0
100o C
200o C
300o C
Gnd 5
Delay Measurement
Rise Time Measurement
Distortion
Insulation Resistance @ 50 Vdc
Dielectric Withstanding Voltage
Operating Temperature Range
Temperature Coefficient of Delay
Minimum Input Pulse Width
Maximum Duty Cycle
Electrical Characteristics
50% Levels
20%-80% Levels
+ 10%
10K Megohms Min.
50 Vdc
-55oC to +125oC
100 PPM/oC Max.
3 x Trout or 5 ns W.I.G.
60%
Recommended T emperature Profile
Coplanarity + .002
Out 4
1 Volt Typical
1.0 ns (10%-90%)
3 x Total Delay
4 x Pulse Width
Pulse Voltage
Rise Time
Pulse Width
Pulse Period
Ein
Trin
PW
PP
Rise Time
(True)
DCR
Maximum
Total Delay


Similar Part No. - S407-0007-55

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4070W TECCOR-S4070W Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S4070W TECCOR-S4070W Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4070W LITTELFUSE-S4070W Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4070W LITTELFUSE-S4070W Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S4070W NJSEMI-S4070W Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S407-0007-55

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
logo
Rhombus Industries Inc.
SP24L RHOMBUS-IND-SP24L Datasheet
37Kb / 1P
   SP24L Series 24-Pin Single Output Passive Delay Modules
SP241 RHOMBUS-IND-SP241 Datasheet
42Kb / 1P
   SP241 Series 24-Pin Single Output Passive Delay Modules
logo
RCD COMPONENTS INC.
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
Bel Fuse Inc.
S470-1403-02 BEL-S470-1403-02 Datasheet
58Kb / 1P
   HIGH-SPEED 14 PIN SMD PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SH6G-0105 RHOMBUS-IND-SH6G-0105 Datasheet
33Kb / 1P
   SH6G Series Mini 6-Pin SMD Passive Delay Modules / AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
AIZ-55 RHOMBUS-IND-AIZ-55 Datasheet
76Kb / 2P
   AIZ Series Passive 10-Tap DIP/SMD Delay Modules
logo
PCA ELECTRONICS INC.
EPA3192 PCA-EPA3192 Datasheet
19Kb / 1P
   SMD Passive Delay Line
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com