Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7DB-10E500 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7DB-10E500
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DB-10E500 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7DB-10E500 Datasheet HTML 1Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 2Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 3Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 4Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 5Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 6Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 7Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 8Page - Bel Fuse Inc. S7DB-10E500 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc.
Specifications subject to change without notice. 11.03
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP03S7DB-10E
4.5V – 13.2V Input / 1.0V – 5.0V Output / 10A
Nonisolated
Compact, low profile surface mount package
Wide input
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Remote sense
Active high/low
Description
The Bel S7DB-10E modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal
4.5V to 13.2V source. These converters are available in a range of output voltages from 1.0V to 5.0V. The output is closely
regulated and the efficiency of the 3.3V output module is typically 88% at full load. The modules are packaged in a compact,
low profile, surface mount DIP package for ease of layout and space savings. 10A maximum output is also provided. Standard
features include remote on/off, remote sense, over current and short circuit protection, UVLO and output voltage adjust.
These products may be used almost anywhere low voltage silicon is employed and a 4.5V to 13.2V source is available.
Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
page 1
S7DB-10E Series
Distributed power architectures
Data networking equipment
Telecommunications
Computers and peripherals
Part Number Selection
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
w
o
L
e
v
i
t
c
A
r
e
b
m
u
N
t
r
a
P
h
g
i
H
e
v
i
t
c
A
V
0
.
5V
2
.
3
1
-
V
8A
0
1W
0
5%
1
90
0
5
E
0
1
-
B
D
7
SH
0
5
E
0
1
-
B
D
7
S
V
3
.
3V
2
.
3
1
-
V
5
.
4A
0
1W
3
3%
8
80
3
3
E
0
1
-
B
D
7
SH
3
3
E
0
1
-
B
D
7
S
V
5
.
2V
2
.
3
1
-
V
5
.
4A
0
1W
5
2%
6
80
5
2
E
0
1
-
B
D
7
SH
5
2
E
0
1
-
B
D
7
S
V
8
.
1V
2
.
3
1
-
V
5
.
4A
0
1W
8
1%
2
80
8
1
E
0
1
-
B
D
7
SH
8
1
E
0
1
-
B
D
7
S
V
5
.
1V
2
.
3
1
-
V
5
.
4A
0
1W
5
1%
0
80
5
1
E
0
1
-
B
D
7
SH
5
1
E
0
1
-
B
D
7
S
V
2
.
1V
2
.
3
1
-
V
5
.
4A
0
1W
2
1%
7
70
2
1
E
0
1
-
B
D
7
SH
2
1
E
0
1
-
B
D
7
S
V
0
.
1V
2
.
3
1
-
V
5
.
4A
0
1W
0
1%
5
70
0
1
E
0
1
-
B
D
7
SH
0
1
E
0
1
-
B
D
7
S


Similar Part No. - S7DB-10E500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B120 BEL-S7DB-12B120 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B150 BEL-S7DB-12B150 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B180 BEL-S7DB-12B180 Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12B1A0 BEL-S7DB-12B1A0 Datasheet
162Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7DB-10E500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com