Electronic Components Datasheet Search |
|
S7AH-02A250 Datasheet(PDF) 1 Page - Bel Fuse Inc. |
|
S7AH-02A250 Datasheet(HTML) 1 Page - Bel Fuse Inc. |
1 / 25 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com ©2004 Bel Fuse Inc. Specifications subject to change without notice. 03.04 POWER PRODUCTS NON-ISOLATED DC/DC CONVERTERS BP04x7AH-02A 12V Input / 0.9V – 5.0V Output / 2A • Nonisolated • Compact, low profile surface mount package • Fixed frequency • High efficiency means less power dissipation • Excellent thermal performance • Optimized for cost • Remote on/off • Undervoltage lockout (UVLO) • Over current and short circuit protection • Industrial temperature range Description The Bel S7AH-02A and V7AH-02A modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal 12V source. These converters are available in a range of output voltages from 0.9V to 5.0V. They are packaged in a compact, overmolded package rated at 2A. Optional lead forming provides a vertical mount product for minimal footprint or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit protection, output voltage adjust and industrial temperature ranges (-40° to +85° C). The output is closely regulated and the efficiency is typically 89% at full load. These products may be used almost anywhere low voltage silicon is employed and a 12V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment. Applications page 1 S7AH-02A / V7AH-02A Series • Distributed power architectures • Data networking equipment Part Number Selection * F indicates fast start up. t u p t u O e g a t l o V t u p n I e g a t l o V t u p t u O . x a M t n e r r u C t u p t u O . x a M r e w o P l a c i p y T y c n e i c i f f E r e b m u N t r a P t n u o M e c a f r u S r e b m u N t r a P t n u o M l a c i t r e V V 0 . 5V 2 1A 2W 0 1% 9 80 0 5 A 2 0 - H A 7 S0 0 5 A 2 0 - H A 7 V V 0 . 5V 2 1A 2W 0 1% 9 8* F 0 5 A 2 0 - H A 7 S* F 0 5 A 2 0 - H A 7 V V 3 . 3V 2 1A 2W 6 . 6% 8 80 3 3 A 2 0 - H A 7 S0 3 3 A 2 0 - H A 7 V V 5 . 2V 2 1A 2W 0 . 5% 6 80 5 2 A 2 0 - H A 7 S0 5 2 A 2 0 - H A 7 V V 8 . 1V 2 1A 2W 6 . 3% 2 80 8 1 A 2 0 - H A 7 S0 8 1 A 2 0 - H A 7 V V 5 . 1V 2 1A 2W 0 . 3% 8 70 5 1 A 2 0 - H A 7 S0 5 1 A 2 0 - H A 7 V V 2 . 1V 2 1A 2W 4 . 2% 4 70 2 1 A 2 0 - H A 7 S0 2 1 A 2 0 - H A 7 V V 9 . 0V 2 1A 2W 8 . 1% 0 70 9 0 A 2 0 - H A 7 S0 9 0 A 2 0 - H A 7 V V 3 6 . 3 ~ 9 . 0V 2 1A 2W 3 . 7% 0 70 A 1 A 2 0 - H A 7 S0 A 1 A 2 0 - H A 7 V V 3 6 . 3 ~ 9 . 0V 2 1A 2W 3 . 7% 0 7* F A 1 A 2 0 - H A 7 S* F A 1 A 2 0 - H A 7 V • Telecommunications • Computers and peripherals |
Similar Part No. - S7AH-02A250 |
|
Similar Description - S7AH-02A250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |