Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7AH-02A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7AH-02A
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-02A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7AH-02A Datasheet HTML 1Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 2Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 3Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 4Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 5Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 6Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 7Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 8Page - Bel Fuse Inc. S7AH-02A Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2004 Bel Fuse Inc.
Specifications subject to change without notice. 03.04
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP04x7AH-02A
12V Input / 0.9V – 5.0V Output / 2A
Nonisolated
Compact, low profile surface mount package
Fixed frequency
High efficiency means less power dissipation
Excellent thermal performance
Optimized for cost
Remote on/off
Undervoltage lockout (UVLO)
Over current and short circuit protection
Industrial temperature range
Description
The Bel S7AH-02A and V7AH-02A modules are a series of non-isolated, step down DC/DC power converters that operate from
a nominal 12V source. These converters are available in a range of output voltages from 0.9V to 5.0V. They are packaged in a
compact, overmolded package rated at 2A. Optional lead forming provides a vertical mount product for minimal footprint or a
surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit protection,
output voltage adjust and industrial temperature ranges (-40° to +85° C). The output is closely regulated and the efficiency is
typically 89% at full load. These products may be used almost anywhere low voltage silicon is employed and a 12V source is
available. Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
page 1
S7AH-02A / V7AH-02A Series
Distributed power architectures
Data networking equipment
Part Number Selection
* F indicates fast start up.
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
e
c
a
f
r
u
S
r
e
b
m
u
N
t
r
a
P
t
n
u
o
M
l
a
c
i
t
r
e
V
V
0
.
5V
2
1A
2W
0
1%
9
80
0
5
A
2
0
-
H
A
7
S0
0
5
A
2
0
-
H
A
7
V
V
0
.
5V
2
1A
2W
0
1%
9
8*
F
0
5
A
2
0
-
H
A
7
S*
F
0
5
A
2
0
-
H
A
7
V
V
3
.
3V
2
1A
2W
6
.
6%
8
80
3
3
A
2
0
-
H
A
7
S0
3
3
A
2
0
-
H
A
7
V
V
5
.
2V
2
1A
2W
0
.
5%
6
80
5
2
A
2
0
-
H
A
7
S0
5
2
A
2
0
-
H
A
7
V
V
8
.
1V
2
1A
2W
6
.
3%
2
80
8
1
A
2
0
-
H
A
7
S0
8
1
A
2
0
-
H
A
7
V
V
5
.
1V
2
1A
2W
0
.
3%
8
70
5
1
A
2
0
-
H
A
7
S0
5
1
A
2
0
-
H
A
7
V
V
2
.
1V
2
1A
2W
4
.
2%
4
70
2
1
A
2
0
-
H
A
7
S0
2
1
A
2
0
-
H
A
7
V
V
9
.
0V
2
1A
2W
8
.
1%
0
70
9
0
A
2
0
-
H
A
7
S0
9
0
A
2
0
-
H
A
7
V
V
3
6
.
3
~
9
.
0V
2
1A
2W
3
.
7%
0
70
A
1
A
2
0
-
H
A
7
S0
A
1
A
2
0
-
H
A
7
V
V
3
6
.
3
~
9
.
0V
2
1A
2W
3
.
7%
0
7*
F
A
1
A
2
0
-
H
A
7
S*
F
A
1
A
2
0
-
H
A
7
V
Telecommunications
Computers and peripherals


Similar Part No. - S7AH-02A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C500 BEL-S7AH-02C500 Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results

Similar Description - S7AH-02A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com