Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC240A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 74LVC240A
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC240A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC240A Datasheet HTML 1Page - NXP Semiconductors 74LVC240A Datasheet HTML 2Page - NXP Semiconductors 74LVC240A Datasheet HTML 3Page - NXP Semiconductors 74LVC240A Datasheet HTML 4Page - NXP Semiconductors 74LVC240A Datasheet HTML 5Page - NXP Semiconductors 74LVC240A Datasheet HTML 6Page - NXP Semiconductors 74LVC240A Datasheet HTML 7Page - NXP Semiconductors 74LVC240A Datasheet HTML 8Page - NXP Semiconductors 74LVC240A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
74LVC240A
Octal buffer/line driver with 5-volt
tolerant inputs/outputs; inverting (3-State)
1998 May 20
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
1OE
Output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3
Data inputs
3, 5, 7, 9
2Y0 to 2Y3
Bus outputs
10
GND
Ground (0V)
17, 15, 13, 11
2A0 to 2A3
Bus inputs
18, 16, 14, 12
1Y0 to 1Y3
Bus outputs
19
2OE
Output enable input (active-LOW)
20
VCC
Positive power supply
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
1Y3
GND
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
2A3
SV00212
LOGIC SYMBOL (IEEE/IEC)
SV00611
18
16
14
12
2
4
6
8
EN
1
9
7
5
3
11
13
15
17
EN
19
FUNCTION TABLE
INPUTS
OUTPUT
nOE
nAn
nYn
L
L
H
L
H
L
H
X
Z
H = HIGH voltage level
L
= LOW voltage level
X = Don’t care
Z = High impedance OFF-state
LOGIC SYMBOL
SV00608
1A 0
2A 0
2
17
1A 1
2A 1
4
15
1A 2
2A 2
6
13
1A 3
2A 3
8
11
1OE
2OE
1
19
1Y 0
2Y 0
18
3
1Y 1
2Y 1
16
5
1Y 2
2Y 2
14
7
1Y 3
2Y 3
12
9
FUNCTIONAL DIAGRAM
SV00610
2Y 0 3
2Y 1 5
2Y 2 7
2Y 3 9
2A 0
17
2A 1
15
2A 2
13
2A 3
11
2OE
19
1Y 0 18
1Y 1 16
1Y 2 14
1Y 3 12
1A 0
2
1A 1
4
1A 2
6
1A 3
8
1OE
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn