Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC240A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVC240A
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC240A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC240A Datasheet HTML 2Page - NXP Semiconductors 74LVC240A Datasheet HTML 3Page - NXP Semiconductors 74LVC240A Datasheet HTML 4Page - NXP Semiconductors 74LVC240A Datasheet HTML 5Page - NXP Semiconductors 74LVC240A Datasheet HTML 6Page - NXP Semiconductors 74LVC240A Datasheet HTML 7Page - NXP Semiconductors 74LVC240A Datasheet HTML 8Page - NXP Semiconductors 74LVC240A Datasheet HTML 9Page - NXP Semiconductors 74LVC240A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74LVC240A
Octal buffer/line driver with 5-volt
tolerant inputs/outputs; inverting (3-State)
1998 May 20
6
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
INPUTS
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
OUTPUTS
SW00221
Waveform 1. Inputs (1An, 2An) to outputs (1Yn, 2Yn)
propagation delays.
SV00613
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
nOE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Waveform 2. 3-State enable and disable times.
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
50pF
VCC
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VI
VCC
2.7V
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00233
500
500
Waveform 3. Load circuitry for switching times.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn