Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43AA82A Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TSB43AA82A
Description  1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AA82A Datasheet(HTML) 87 Page - Texas Instruments

Back Button TSB43AA82A Datasheet HTML 83Page - Texas Instruments TSB43AA82A Datasheet HTML 84Page - Texas Instruments TSB43AA82A Datasheet HTML 85Page - Texas Instruments TSB43AA82A Datasheet HTML 86Page - Texas Instruments TSB43AA82A Datasheet HTML 87Page - Texas Instruments TSB43AA82A Datasheet HTML 88Page - Texas Instruments TSB43AA82A Datasheet HTML 89Page - Texas Instruments TSB43AA82A Datasheet HTML 90Page - Texas Instruments TSB43AA82A Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 147 page
background image
7−5
8-Byte Block Write Request
AgntWr_Int
Notify that MANAGEMENT_ORB
is Ready. The Contents of Packet Is
the Address of MANAGEMENT_ORB.
Target
Initiator
Management_Agent_Register
Prerequisites:
M_Agent_Offset is set
MAgtVld (44h) is ON
32-Byte Block Read Request
MOAF_Agent and MTQ
Address of MANAGEMENT_ORB
32-Byte Block Read Response
MRF
MOREnd_Int
Host Reads Data Out MRF
LOGIN_ORB
Quadlet Read Request
FFFF F000 040Ch
Quadlet Read Response
Response Received in the
ARF. ATFEnd_int. Host Reads
ARF_Data
MANAGEMENT_ORB Response.
The Packet Is LOGIN_ORB.
Response EUI-64 (hi)
Contents of Packet Is vendor_ID
and chip_ID_hi.
Host and ATF
Quadlet Read Request of
the EUI-64 (hi)
Quadlet Read Request
FFFF F000 0410h
Quadlet Read Response
Response Received in the
ARF. ATFEnd_int. Host Reads
ARF_Data
Response EUI-64 (lo)
Contents of Packet Is vendor_ID
and chip_ID_hi.
Host and ATF
Quadlet Read Request of
the EUI-64 (lo)
12-Byte Block Write Request
Login Response†
Host and ATF
The Login Response and
Status Is Sent Through the
ATF MAgtBsy = 0
Status Block
† After LOGIN is processed, the host processes the correct command agents.
Figure 7−2. Typical Login Process
Write to the initiator node_ID, which is managed by the command_agent, through the agent control register
(50h). Write the appropriate agent number into AgtNmb, log in Node_ID into NodeID, and WrNdID. The host
has the ability to automatically respond with a conflict error to accesses from initiators that have not correctly
logged in.
Activate the COAF_agent by setting CAg(n)Vld on the ORB fetch control register (44h) for initiator access.
All initiators can send QUERY LOGIN ORBs at any time to check status of an ongoing LOGIN. This process
is the same as LOGIN except there is no need to check EUI-64. Other management ORBs are processed
the same way.
Figure 7-2 shows an example of the process.


Similar Part No. - TSB43AA82A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AI TI1-TSB43AA82AI Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

Similar Description - TSB43AA82A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com