Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB43AA82A Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TSB43AA82A
Description  1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AA82A Datasheet(HTML) 63 Page - Texas Instruments

Back Button TSB43AA82A Datasheet HTML 59Page - Texas Instruments TSB43AA82A Datasheet HTML 60Page - Texas Instruments TSB43AA82A Datasheet HTML 61Page - Texas Instruments TSB43AA82A Datasheet HTML 62Page - Texas Instruments TSB43AA82A Datasheet HTML 63Page - Texas Instruments TSB43AA82A Datasheet HTML 64Page - Texas Instruments TSB43AA82A Datasheet HTML 65Page - Texas Instruments TSB43AA82A Datasheet HTML 66Page - Texas Instruments TSB43AA82A Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
3−37
3.4.47.1 DRx Header Register 0 at E8h
BITS
ACRONYM
DIR
DESCRIPTION
0−3
STAT
R/O
DRF packetizer transaction complete state. STAT is the state of a completed DRF transaction.
0−3
STAT
R/O
0h
The request block transaction from the DRF was completed successfully.
1h
An ack_pending was received and the transaction is a split transaction.
2h
The acknowledgement (except ack_complete, ack_busy_X, and ack_pending) was returned in
response to the request packet.
3h
Reserved
4h
The transaction was stopped because of a page table fetch problem.
5h-6h
Reserved
7h
The request packet was transmitted Retry_Limit times.
8h-9h
Reserved
Ah
The response packet was received but rCode is not complete.
Bh
The response packet was not received in Split_Time.
Ch
The request packet was not sent because of a bus reset.
Dh
The request packet was removed because of RstTr or DTFClr at 90h.
Eh-Fh
Reserved
4−7
RESP
R/O
Specified status response received
8−10
Reserved
N/A
Reserved
11
AckErr
R/O
Ack error. Specifies whether the last ack received for the packet transmitted from DTF has any errors.
When the received ack has a parity error or length error, AckErr is set to 1. When the ack has no error or an
ack has not been received, AckErr is set to 0.
12−15
Ack
R/O
Specified ack code received
16−19
PSTAT
R/O
Specified page status code received. Refer to STAT for status.
20−23
PRESP
R/O
Specified page status response received
24−26
Reserved
N/A
Reserved
27
PAckErr
R/O
Page table ack error. Specifies whether the last ack received for the page table request has any errors.
When the received ack had a parity error or length error, PAckErr is set to 1. When the ack has no error or
an ack has not been received yet, PAckErr is set to 0.
28−31
PAck
R/O
Specified page ack code received.
3.4.47.2 DRx Header Register 1 at ECh
BITS
ACRONYM
DIR
DESCRIPTION
0−15
DRx page number
R/O
DRx page number. Specifies the current page number used during packetization. It is incremented by one
each time the packetizer fetches a new page table. This number is set to 0 when the packetizer starts from
an initial state.
16−31
Reserved
N/A
Reserved
3.4.47.3 DRx Header Register 2 at F0h
BITS
ACRONYM
DIR
DESCRIPTION
0−15
DRx page length
R/O
(Note)
DRx page length. Specifies the current page table value used during the current packetization.
16−31
DRx page table hi
R/O
(Note)
DRx page table high. Specifies the current page table address used during the current packetization.
NOTE: R/W when DTPktz = 0
3.4.47.4 DRx Header Register 3 at F4h
BITS
ACRONYM
DIR
DESCRIPTION
0−31
DRx page table lo
R/O
DRx page table low. Specifies the current page table address used during current packetization.


Similar Part No. - TSB43AA82A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82AI TI1-TSB43AA82AI Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
More results

Similar Description - TSB43AA82A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43AA82A TI1-TSB43AA82A_14 Datasheet
74Kb / 7P
[Old version datasheet]   (iSphynx II) 1394 Integrated PHY and Link-Layer Controller for SBP-2 Products and DPP Products
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
[Old version datasheet]   1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB43AA82GGW TI1-TSB43AA82GGW Datasheet
108Kb / 5P
[Old version datasheet]   (iShynx II) 1394 Integrated PHY and Link-Layer Controller
TSB42AA9 TI-TSB42AA9 Datasheet
268Kb / 45P
[Old version datasheet]   STORAGELYNX 1394 LINK-LAYER CONTROLLER FOR ATA/ATAPI STORAGE PRODUCTS
TSB42AA9A TI1-TSB42AA9A_14 Datasheet
88Kb / 7P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
TSB42AA9A TI-TSB42AA9A Datasheet
268Kb / 45P
[Old version datasheet]   StorageLynx 1394 Link-Layer Controller for ATA/ATAPI Storage Products
logo
Sony Corporation
CXD3220R SONY-CXD3220R Datasheet
655Kb / 65P
   IEEE1394 Link/Transaction Layer Controller LSI for SBP-2
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com