Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2373A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2373A
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2373A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2373A Datasheet HTML 1Page - NXP Semiconductors 74LVC2373A Datasheet HTML 2Page - NXP Semiconductors 74LVC2373A Datasheet HTML 3Page - NXP Semiconductors 74LVC2373A Datasheet HTML 4Page - NXP Semiconductors 74LVC2373A Datasheet HTML 5Page - NXP Semiconductors 74LVC2373A Datasheet HTML 6Page - NXP Semiconductors 74LVC2373A Datasheet HTML 7Page - NXP Semiconductors 74LVC2373A Datasheet HTML 8Page - NXP Semiconductors 74LVC2373A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
74LVC2373A
74LVCH2373A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs; damping resistor
(3-State)
Product specification
IC24 Data Handbook
1997 Mar 12
INTEGRATED CIRCUITS


Similar Part No. - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2244 PHILIPS-74LVC2244 Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244ABQ NEXPERIA-74LVC2244ABQ Datasheet
255Kb / 14P
   Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244AD PHILIPS-74LVC2244AD Datasheet
84Kb / 16P
   Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results

Similar Description - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC841A PHILIPS-74LVC841A Datasheet
101Kb / 10P
   10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jun 17
logo
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com