Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC2373A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LVC2373A
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC2373A Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LVC2373A
74LVCH2373A
Octal D-type transparent latch with 5-volt tolerant
inputs/outputs; damping resistor (3-State)
1997 Mar 12
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC = 2.7V; VI = VIH or VIL; IO = –6mA7
VCC*0.5
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –100µA7
VCC*0.2
VCC
V
VCC = 3.0V; VI = VIH or VIL; IO = –12mA7
VCC*0.8
VO
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
V
VCC = 2.7V; VI = VIH or VIL; IO = 6mA7
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = 100µA7
GND
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 12mA7
0.55
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND Not for I/O pins
±0.1
±5
µA
IIHZ/IILZ
Input current for common I/O pins
VCC = 3.6V; VI = VCC or GND
±0.1
±15
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL; VO = VCC or GND
0.1
±10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
20
µA
∆ICC
Additional quiescent supply current per
input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
IBHL
Bushold LOW sustaining current2, 3, 4
VCC = 3.0V; VI =0.8V
75
µA
IBHH
Bushold HIGH sustaining current2, 3, 4
VCC = 3.0V; VI =2.0V
–75
µA
IBHLO
Bushold LOW overdrive current2, 3, 5
VCC = 3.6V
500
µA
IBHHO
Bushold HIGH overdrive current2, 3, 5
VCC = 3.6V
–500
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. Valid for data inputs of bushold parts (LVCH-A) only.
3. For data inputs only, control inputs do not have a bushold circuit.
4. The specified sustaining current at the data inputs do not have a bushold circuit.
5. The specified overdrive current at the data input forces the data input to the opposite logic input state.
6. For bushold parts, the bushold circuit is switched off when VI exceeds VCC allowing 5.5V on the input terminal.
7. For data outputs of damping resistor parts only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn